Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4915-R Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC4915-R
Description  High Frequency Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4915-R Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC4915-R Datasheet HTML 1Page - Toshiba Semiconductor 2SC4915-R Datasheet HTML 2Page - Toshiba Semiconductor 2SC4915-R Datasheet HTML 3Page - Toshiba Semiconductor 2SC4915-R Datasheet HTML 4Page - Toshiba Semiconductor 2SC4915-R Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC4915
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Planar Type
2SC4915
High Frequency Amplifier Applications
FM, RF, MIX, If Amplifier Applications
• Small reverse transfer capacitance: Cre = 0.55 pF (typ.)
• Low noise figure: NF = 2.3dB (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
VCEO
30
V
Emitter-base voltage
VEBO
4
V
Collector current
IC
20
mA
Base current
IB
4
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba
Semiconductor Reliability Handbook (“Handling Precautions”/“Derating
Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 40 V, IE = 0 A
0.1
μA
Emitter cut-off current
IEBO
VEB = 4 V, IC = 0 A
0.5
μA
DC current gain
hFE
(Note)
VCE = 6 V, IC = 1 mA
40
200
Reverse transfer capacitance
Cre
VCB = 6 V, f = 1 MHz
0.55
pF
Transition frequency
fT
VCE = 6 V, IC = 1 mA
260
550
MHz
Collector-base time constant
Cc・rbb’
VCE = 6 V, IE = −1 mA, f = 30 MHz
20
ps
Noise figure
NF
2.3
5.0
dB
Power gain
Gpe
VCC = 6 V, IE = −1 mA,
f
= 100 MHz, Figure 1
17
23
dB
Note: hFE classification R: 40~80, O: 70~140, Y: 100~200
Unit: mm
JEDEC
JEITA
TOSHIBA
2-2H1A
Weight: 2.4 mg (typ.)


Similar Part No. - 2SC4915-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4915 TOSHIBA-2SC4915 Datasheet
184Kb / 4P
NPN EPITAXIAL PLANAR TYPE (HIGH FREQUENCY, FM,RF,MIX, IF AMPLIFIER APPLICATIONS)
2SC4915 TOSHIBA-2SC4915_07 Datasheet
587Kb / 5P
Silicon NPN Epitaxial Planar Type High Frequency Amplifier Applications
More results

Similar Description - 2SC4915-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2716 TOSHIBA-2SC2716 Datasheet
207Kb / 4P
HIGH FREQUENCY AMPLIFIER APPLICATIONS
logo
Guangdong Kexin Industr...
2SA1483 KEXIN-2SA1483 Datasheet
363Kb / 3P
High Frequency Amplifier Applications
2SC3803 KEXIN-2SC3803 Datasheet
363Kb / 3P
High Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-V TOSHIBA-2SK711-V Datasheet
222Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK1875-V TOSHIBA-2SK1875-V Datasheet
256Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SC2714-O TOSHIBA-2SC2714-O Datasheet
548Kb / 8P
High Frequency Amplifier Applications
2SA1483-Y TOSHIBA-2SA1483-Y Datasheet
171Kb / 4P
High Frequency Amplifier Applications
2SC2714YTE85L TOSHIBA-2SC2714YTE85L Datasheet
548Kb / 8P
High Frequency Amplifier Applications
2SA594 TOSHIBA-2SA594 Datasheet
185Kb / 2P
HIGH FREQUENCY AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com