Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4915-R Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC4915-R
Description  High Frequency Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4915-R Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC4915-R Datasheet HTML 1Page - Toshiba Semiconductor 2SC4915-R Datasheet HTML 2Page - Toshiba Semiconductor 2SC4915-R Datasheet HTML 3Page - Toshiba Semiconductor 2SC4915-R Datasheet HTML 4Page - Toshiba Semiconductor 2SC4915-R Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC4915
2007-11-01
2
L1: 0.8 mm
φ silver plated copper wire, 4 T, 10 mm ID, 8 mm length
Marking
Figure 1
NF, Gpe Test Circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com