Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5087 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC5087
Description  VHF~UHF Band Low Noise Amplifier Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5087 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC5087 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5087 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5087 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5087 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5087 Datasheet HTML 5Page - Toshiba Semiconductor 2SC5087 Datasheet HTML 6Page - Toshiba Semiconductor 2SC5087 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC5087
2007-11-01
4
S-Parameter
ZO = 50 Ω, Ta = 25°C
VCE = 10 V, IC = 5 mA
Frequency
S11
S21
S12
S22
MHz
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
200
0.793
−82.4
11.923
133.4
0.050
52.7
0.788
−36.4
400
0.736
−128.0
7.835
108.5
0.066
38.0
0.584
−53.4
600
0.719
−152.1
5.578
94.5
0.071
34.1
0.490
−63.5
800
0.701
−168.6
4.279
84.4
0.073
33.9
0.445
−72.2
1000
0.698
178.9
3.451
76.6
0.074
36.7
0.424
−80.5
1200
0.697
168.3
2.855
69.9
0.076
40.8
0.413
−88.9
1400
0.699
159.4
2.440
64.0
0.078
46.6
0.404
−97.3
1600
0.703
150.8
2.121
59.3
0.084
52.5
0.401
−105.4
1800
0.713
142.9
1.876
54.5
0.091
58.3
0.398
−112.6
2000
0.722
134.7
1.681
50.3
0.100
63.5
0.398
−119.6
VCE = 10 V, IC = 20 mA
Frequency
S11
S21
S12
S22
MHz
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
200
0.655
−129.4
20.724
113.2
0.031
48.0
0.496
−59.6
400
0.650
−161.5
11.288
95.5
0.040
50.4
0.319
−74.1
600
0.660
−176.3
7.643
86.4
0.049
56.4
0.263
−83.5
800
0.666
172.8
5.758
79.6
0.059
60.0
0.242
−92.9
1000
0.667
164.0
4.605
74.2
0.070
63.6
0.233
−102.0
1200
0.668
156.8
3.809
69.3
0.080
65.9
0.229
−111.0
1400
0.677
148.4
3.277
65.1
0.091
68.2
0.226
−119.1
1600
0.676
141.1
2.862
61.2
0.104
70.0
0.223
−126.5
1800
0.688
133.9
2.559
57.5
0.117
71.2
0.220
−132.4
2000
0.690
126.7
2.303
54.1
0.131
72.4
0.217
−137.8
COLLECTOR-EMITTER VOLTAGE
VCE (V)
⎪S21e⎪
2
– VCE
0
12
4
2
0
6
16
8
12
6
10
4
8
14
IC = 20 mA
f
= 1 GHz
Ta
= 25°C
10
2
PC – Ta
AMBIENT TEMPERATURE Ta (°C)
0
50
75
0
120
40
160
80
25
100
125
150
200



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com