Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5087 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5087
Description  VHF~UHF Band Low Noise Amplifier Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5087 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5087 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5087 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5087 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5087 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5087 Datasheet HTML 5Page - Toshiba Semiconductor 2SC5087 Datasheet HTML 6Page - Toshiba Semiconductor 2SC5087 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC5087
2007-11-01
3
0.1
10
1
0.2
0.5
10
0.7
3
2
5
3
0.3
1
0.3
0.5 0.7
2
5
7
Cre
Cob
f
= 1 MHz
Ta
= 25°C
COLLECTOR-BASE VOLTAGE VCB (V)
Cob, Cre – VCB
COLLECTOR CURRENT IC (mA)
hFE – IC
1
100
10
2
50
1000
70
30
200
500
300
30
100
3
5
7
20
50 70
VCE = 10 V
Ta
= 25°C
COLLECTOR CURRENT IC (mA)
fT – IC
COLLECTOR CURRENT IC (mA)
⎪S21e⎪
2
– IC
1
100
10
3
0
4
10
30
8
VCE = 10 V
Ta
= 25°C
6
2
5
50
7
70
1
100
10
3
0
8
16
30
12
VCE = 10 V
f
= 1 GHz
Ta
= 25°C
4
5
7
50 70
FREQUENCY f (GHz)
⎪S21e⎪
2
– f
COLLECTOR CURRENT IC (mA)
NF – IC
0.1
10
0.3
3
0
10
35
0
20
0.5 0.7
5
30
VCE = 10 V
IC = 20 mA
Ta
= 25°C
7
VCE = 10 V
f
= 1 GHz
Ta
= 25°C
1
100
10
3
0
3
5
30
4
1
2
5
50
7
70



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com