Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW99W Datasheet(PDF) 2 Page - STMicroelectronics

Part # BYW99W
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW99W Datasheet(HTML) 2 Page - STMicroelectronics

  BYW99W Datasheet HTML 1Page - STMicroelectronics BYW99W Datasheet HTML 2Page - STMicroelectronics BYW99W Datasheet HTML 3Page - STMicroelectronics BYW99W Datasheet HTML 4Page - STMicroelectronics BYW99W Datasheet HTML 5Page - STMicroelectronics BYW99W Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
IR *
Tj = 25
°CVR = VRRM
20
µA
Tj = 100
°C
1.5
mA
VF **
Tj = 125
°CIF = 12 A
0.85
V
Tj = 125
°CIF = 25 A
1.05
Tj = 25
°CIF = 25 A
1.15
Pulse test : * tp = 5 ms,
δ < 2 %
** tp = 380
µs, δ < 2 %
To evaluate the conduction losses use the following equation :
P = 0.65 x IF(AV) + 0.016 x IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (Per diode)
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
trr
Tj = 25
°CIF = 0.5A
IR = 1A
Irr = 0.25A
25
ns
IF = 1A
VR = 30V
dIF/dt = -50A/
µs40
tfr
Tj = 25
°CIF = 1A
VFR = 1.1 x VF
tr = 10 ns
15
ns
VFP
Tj = 25
°CIF = 1A
tr = 10 ns
2
V
RECOVERY CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
SOT93 / TO247
Per diode
1.8
°C/W
Total
1.0
TOP3I
Per diode
2.0
Total
1.25
Rth (c)
Coupling
SOT93 / TO247
0.2
°C/W
TOP3I
0.5
When the diodes 1 and 2 are used simultaneously :
Tj-Tc (diode 1) = P(diode 1) x Rth(j-c) (Per diode) + P(diode 2) x Rth(c)
THERMAL RESISTANCES
BYW99P/PI/W
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com