Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW99W Datasheet(PDF) 5 Page - STMicroelectronics

Part # BYW99W
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW99W Datasheet(HTML) 5 Page - STMicroelectronics

  BYW99W Datasheet HTML 1Page - STMicroelectronics BYW99W Datasheet HTML 2Page - STMicroelectronics BYW99W Datasheet HTML 3Page - STMicroelectronics BYW99W Datasheet HTML 4Page - STMicroelectronics BYW99W Datasheet HTML 5Page - STMicroelectronics BYW99W Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
PACKAGE MECHANICAL DATA
SOT93
Marking : Type number
Cooling method : C
Weight : 5.3 g
Recommended torque value : 0.8m.N
Maximum torque value : 1.0m.N
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.70
4.90
1.185
0.193
C
1.90
2.10
0.075
0.083
D
2.50 typ.
0.098 typ.
D1
2.00 typ.
0.078 typ
E
0.50
0.78
0.020
0.031
F
1.10
1.30
0.043
0.051
F3
1.75 typ
0.069 typ
F4
2.10 typ.
0.083 typ.
G
10.80
11.10
0.425
0.437
H
14.70
15.20
0.279
0.598
L
12.20
0.480
L2
16.20
0.638
L3
18.0 typ.
0.709 typ.
L5
3.95
4.15
0.156
0.163
L6
31.00 typ.
1.220 typ.
O
4.00
4.10
0.157
0.161
Marking : Type number
Cooling method : C
Weight : 4.7 g
Recommended torque value : 0.8m.N
Maximum torque value : 1.0m.N
PACKAGE MECHANICAL DATA
TOP3I (isolated)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.6
0.173
0.181
B
1.45
1.55
0.057
0.061
C
14.35
15.60
0.565
0.614
D
0.5
0.7
0.020
0.028
E
2.7
2.9
0.106
0.114
F
15.8
16.5
0.622
0.650
G
20.4
21.1
0.815
0.831
H
15.1
15.5
0.594
0.610
J
5.4
5.65
0.213
0.222
K
3.4
3.65
0.134
0.144
L
4.08
4.17
0.161
0.164
P
1.20
1.40
0.047
0.055
R
4.60 typ.
0.181 typ
BYW99P/PI/W
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com