Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F800 Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29F800
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800 Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29F800 Datasheet HTML 1Page - Advanced Micro Devices AM29F800 Datasheet HTML 2Page - Advanced Micro Devices AM29F800 Datasheet HTML 3Page - Advanced Micro Devices AM29F800 Datasheet HTML 4Page - Advanced Micro Devices AM29F800 Datasheet HTML 5Page - Advanced Micro Devices AM29F800 Datasheet HTML 6Page - Advanced Micro Devices AM29F800 Datasheet HTML 7Page - Advanced Micro Devices AM29F800 Datasheet HTML 8Page - Advanced Micro Devices AM29F800 Datasheet HTML 9Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/4/98
Am29F800B Known Good Die
5
SU PP L E ME NT
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29F800B
DEVICE NUMBER/DESCRIPTION
Am29F800B Known Good Die
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS Flash Memory—Die Revision 1
5.0 Volt-only Program and Erase
-90
DP
C
1
DIE REVISION
This number refers to the specific AMD manufacturing
process and product technology reflected in this doc-
ument. It is entered in the revision field of AMD stand-
ard product nomenclature.
TEMPERATURE RANGE
C = Commercial (0
°C to +70°C)
I = Industrial (–40
°C to +85°C)
E = Extended (–55
°C to +125°C)
PACKAGE TYPE AND
MINIMUM ORDER QUANTITY
DP =
Waffle Pack
180 die per 5 tray stack
DG =
Gel-Pak® Die Tray
378 die per 6 tray stack
DT
=
Surftape™ (Tape and Reel)
1800 per 7-inch reel
DW =
Gel-Pak® Wafer Tray (sawn wafer on frame)
Call AMD sales office for minimum order quantity
SPEED OPTION
See Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T = Top sector
B = Bottom sector
T
Valid Combinations
Am29F800BT-90,
Am29F800BB-90,
DPC 1, DPI 1, DPE 1,
DGC 1, DGI 1, DGE 1,
DTC 1, DTI 1, DTE 1,
DWC 1, DWI 1, DWE 1
Am29F800BT-120
Am29F800BB-120



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com