Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F800 Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM29F800
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800 Datasheet(HTML) 7 Page - Advanced Micro Devices

  AM29F800 Datasheet HTML 1Page - Advanced Micro Devices AM29F800 Datasheet HTML 2Page - Advanced Micro Devices AM29F800 Datasheet HTML 3Page - Advanced Micro Devices AM29F800 Datasheet HTML 4Page - Advanced Micro Devices AM29F800 Datasheet HTML 5Page - Advanced Micro Devices AM29F800 Datasheet HTML 6Page - Advanced Micro Devices AM29F800 Datasheet HTML 7Page - Advanced Micro Devices AM29F800 Datasheet HTML 8Page - Advanced Micro Devices AM29F800 Datasheet HTML 9Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
5/4/98
Am29F800B Known Good Die
7
SU PP L E ME NT
PHYSICAL SPECIFICATIONS
Die dimensions . . . . . . . . . 141.34 mils x 306.30 mils
. . . . . . . . . . . . . . . . . . . . . . . . . . . 3.59 mm x 7.78 mm
Die Thickness. . . . . . . . . . . . . . . . . . . . . . . . . ~20 mils
Bond Pad Size . . . . . . . . . . . . . . 3.94 mils x 3.94 mils
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 µm x 100 µm
Pad Area Free of Passivation . . . . . . . . . .15.52 mils2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10,000 µm2
Pads Per Die . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .44
Bond Pad Metalization . . . . . . . . . . . . . . . . . . Al/Cu/Si
Die Backside . . . . . . . . . . . . . . . . . . . . . . . . No metal,
may be grounded (optional)
Passivation . . . . . . . . . . . . . . . . . . Nitride/SOG/Nitride
DC OPERATING CONDITIONS
VCC (Supply Voltage) . . . . . . . . . . . . . . . 4.5 V to 5.5 V
Junction Temperature Under Bias . .TJ (max) = 130°C
Operating Temperature
Commercial . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Industrial . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Extended . . . . . . . . . . . . . . . . . . –55
°C to +125°C
MANUFACTURING INFORMATION
Manufacturing . . . . . . . . . . . . . . . . . . . . . . . . . . FASL
Test . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SDC
Manufacturing ID (Top Boot) . . . . . . . . . . . . 98924AK
(Bottom Boot) . . . . . . . .98924ABK
Preparation for Shipment . . . . . . . . Penang, Malaysia
Fabrication Process . . . . . . . . . . . . . . . . . . . . . . CS39
Die Revision . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
SPECIAL HANDLING INSTRUCTIONS
Processing
Do not expose KGD products to ultraviolet light or
process them at temperatures greater than 250
°C.
Failure to adhere to these handling instructions will
result in irreparable damage to the devices. For best
yield, AMD recommends assembly in a Class 10K
clean room with 30% to 60% relative humidity.
Storage
Store at a maximum temperature of 30
°C in a nitrogen-
purged cabinet or vacuum-sealed bag. Observe all
standard ESD handling procedures.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com