Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F400AT-65FIB Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AM29F400AT-65FIB
Description  4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400AT-65FIB Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM29F400AT-65FIB Datasheet HTML 27Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 28Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 29Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 30Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 31Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 32Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 33Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 34Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 35Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Am29F400AT/Am29F400AB
33
PRELIMINARY
SWITCHING WAVEFORMS
Notes:
1. PA is address of the memory location to be programmed.
2. PD is data to be programmed at byte address.
3. DQ7 is the output of the complement of the data written to the device.
4. DOUT is the output of the data written to the device.
5. Figure indicates last two bus cycles of four bus cycle sequence.
6. These waveforms are for the x16 mode.
Figure 19.
Alternate CE Controlled Program Operation Timings
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1. 25
°C, 5.0 V V
CC, 100,000 cycles.
2. Although Embedded Algorithms allow for longer chip program and erase time, the actual time will be considerably less since
bytes program or erase significantly faster than the worst case byte.
3. Under worst case condition of 90
°C, 4.5 V V
CC, 100,000 cycles.
4. System-level overhead is defined as the time required to execute the four bus cycle command necessary to program each
byte. In the preprogramming step of the Embedded Erase algorithm, all bytes are programmed to 00H before erasure.
5. The Embedded Algorithms allow for 2.5 ms byte program time. DQ5 = “1” only after a byte takes the theoretical maximum time
to program. A minimal number of bytes may require significantly more programming pulses than the typical byte. The majority
of the bytes will program within one or two pulses. This is demonstrated by the Typical and Maximum Programming Times
listed above.
Parameter
Limits
Unit
Comments
Typ (Note 1)
Max
Sector Erase Time
1.0
8
sec
Excludes 00H programming prior to erasure
Chip Erase Time
11
88
sec
Excludes 00H programming prior to erasure
Byte Programming Time
7
300 (Note 3)
µs
Excludes system-level overhead (Note 4)
Word Programming Time
14
600
µs
Excludes system-level overhead (Note 4)
Chip Programming Time
3.6
10.8 (Notes 3, 5)
sec
Excludes system-level overhead (Note 4)
DOUT
PD
tAH
Data Polling
tDS
tWS
tCPH
tDH
tCP
tGHEL
Addresses
WE
OE
CE
Data
5.0 Volt
DQ7
5555H
PA
A0H
PA
20380B-26
tWC
tAS
tWHWH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com