Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F400AT-65FIB Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM29F400AT-65FIB
Description  4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400AT-65FIB Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM29F400AT-65FIB Datasheet HTML 27Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 28Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 29Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 30Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 31Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 32Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 33Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 34Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 35Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 35 page
background image
Am29F400AT/Am29F400AB
35
PRELIMINARY
REVISION SUMMARY
Distinctive Characteristics:
High Performance: The fastest speed option available
is now 60 ns.
Enhanced power management for standby mode:
Changed typical standby current to 1
µA.
General Description:
First paragraph, first sentence should read, “...orga-
nized as 512 Kbytes of 8 bits each or 256
Kwords of 16
bits each.” Added 60 ns speed option.
Product Selector Guide:
Added -65 column (60 ns,
±5% V
CC). Added -70 (70 ns,
±10% V
CC) and deleted -75 speed option.
Ordering Information, Standard Products:
The -65 speed option is now listed in the example.
Valid Combinations: Added -65 and -70, and deleted -
75 speed options.
Tables 1 and 2, User Bus Operations:
Corrected WE for read operations; was don’t care (X),
is now H.
Standby Mode:
Corrected standby mode current; was 100
µA, is now
5
µA.
Table 5, Sector Address Tables (Am29F400AB):
Corrected x16 starting address for SA5; was 1C000h,
is now 28000h.
Erase Suspend:
Third paragraph, third sentence: Deleted the word “NOT.”
Operating Ranges:
VCC Supply Voltages: Added -65 and deleted -75 speed
options in the list. Changed A9 maximum to +13.0 V.
DC Characteristics:
CMOS Compatible: Revised ICC specifications. Added
Note 4 (refers to ICC3).
AC Characteristics:
Read Only Operations Characteristics: Added the -65
column and test conditions.
Replaced -75 column with -70 column.
Test Conditions, Figure 7:
Changed speed option in first CL statement from -75
to -65.
AC Characteristics:
Write/Erase/Program Operations, Alternate CE Con-
trolled Writes: Added the -65 column. Replaced -75
column with -70 column. Revised sector erase and
programming specifications.
Erase and Programming Performance:
Revised specifications in table. Clarified table and notes.
Table 7, Command Definitions
Revised Note 5 to cover all upper address bits that are
don’t care.
Deleted Note 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com