Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL40DN3LLH5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL40DN3LLH5
Description  Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL40DN3LLH5 Datasheet(HTML) 3 Page - STMicroelectronics

  STL40DN3LLH5 Datasheet HTML 1Page - STMicroelectronics STL40DN3LLH5 Datasheet HTML 2Page - STMicroelectronics STL40DN3LLH5 Datasheet HTML 3Page - STMicroelectronics STL40DN3LLH5 Datasheet HTML 4Page - STMicroelectronics STL40DN3LLH5 Datasheet HTML 5Page - STMicroelectronics STL40DN3LLH5 Datasheet HTML 6Page - STMicroelectronics STL40DN3LLH5 Datasheet HTML 7Page - STMicroelectronics STL40DN3LLH5 Datasheet HTML 8Page - STMicroelectronics STL40DN3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STL40DN3LLH5
Electrical ratings
Doc ID 18416 Rev 3
3/14
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
30
V
VGS
Gate-source voltage
± 22
V
ID
(1)
1.
The value is rated according Rthj-c
Drain current (continuous) at TC = 25 °C
40
A
ID
(1)
Drain current (continuous) at TC = 100 °C
26
A
ID
(2)
2.
The value is rated according Rthj-pcb
Drain current (continuous) at TC = 25 °C
11
A
ID
(2)
Drain current (continuous) at TC=100°C
7
A
IDM
(3)
3.
Pulse width limited by safe operating area
Drain current (pulsed)
44
A
PTOT
(1)
Total dissipation at TC = 25°C
60
W
PTOT
(2)
Total dissipation at TC = 25°C
4
W
Derating factor
0.03
W/°C
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case drain, steady state
2.08
°C/W
Rthj-pcb
(1)
1.
When mounted on FR-4 board of 1inch², 2oz Cu, t < 10 sec
Thermal resistance junction-ambient
32
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com