Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL40DN3LLH5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL40DN3LLH5
Description  Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL40DN3LLH5 Datasheet(HTML) 1 Page - STMicroelectronics

  STL40DN3LLH5 Datasheet HTML 1Page - STMicroelectronics STL40DN3LLH5 Datasheet HTML 2Page - STMicroelectronics STL40DN3LLH5 Datasheet HTML 3Page - STMicroelectronics STL40DN3LLH5 Datasheet HTML 4Page - STMicroelectronics STL40DN3LLH5 Datasheet HTML 5Page - STMicroelectronics STL40DN3LLH5 Datasheet HTML 6Page - STMicroelectronics STL40DN3LLH5 Datasheet HTML 7Page - STMicroelectronics STL40DN3LLH5 Datasheet HTML 8Page - STMicroelectronics STL40DN3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
December 2012
Doc ID 18416 Rev 3
1/14
14
STL40DN3LLH5
Dual N-channel 30 V, 0.016
Ω typ., 11 A STripFET™ V
Power MOSFET in a PowerFLAT™ 5x6 double island
Datasheet — production data
Features
RDS(on) * Qg industry benchmark
Extremely low on-resistance RDS(on)
Very low switching gate charge
High avalanche ruggedness
Low gate drive power losses
Applications
Automotive switching applications
Description
This device is an N-channel Power MOSFET
developed using STMicroelectronics’
STripFET™ V technology. The device has been
optimized to achieve very low on-state resistance,
contributing to a FOM that is among the best in its
class.
Figure 1.
Internal schematic diagram
Order code
VDSS
RDS(on)
max.
ID
STL40DN3LLH5
30 V
< 0.018 Ω
11 A (1)
1.
The value is rated according Rthj-pcb
PowerFLAT™ 5x6
double island
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL40DN3LLH5
40DN3LLH5
PowerFLAT™ 5x6
double island
Tape and reel
www.st.com


Similar Part No. - STL40DN3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL40C30H3LL STMICROELECTRONICS-STL40C30H3LL Datasheet
1Mb / 19P
N-channel 30 V, 0.019 Ω typ., 10 A, P-channel 30 V, 0.024 Ω typ.,8 A STripFET™ VI Power MOSFET in a PowerFLAT 5x6 d. i. package
April 2014 Rev 5
STL40N10F7 STMICROELECTRONICS-STL40N10F7 Datasheet
851Kb / 15P
Among the lowest RDS on the market
18-Dec-2015
STL40N75LF3 STMICROELECTRONICS-STL40N75LF3 Datasheet
1Mb / 5P
N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
March 2011 Rev 6
STL40N75LF3 STMICROELECTRONICS-STL40N75LF3 Datasheet
135Kb / 5P
Keil starter kits for ST ARM core-based microcontrollers
18-Jun-2009
More results

Similar Description - STL40DN3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL10DN15F3 STMICROELECTRONICS-STL10DN15F3 Datasheet
1Mb / 14P
N-channel 150 V, 0.20 Ohm typ., 2.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 double island package
15-Oct-2012
STL65DN3LLH5 STMICROELECTRONICS-STL65DN3LLH5 Datasheet
508Kb / 12P
Dual N-channel 30 V, 0.0059 , 19 A PowerFLAT(5x6) double island, STripFET V Power MOSFET
07-Dec-2010
STL56N3LLH5 STMICROELECTRONICS-STL56N3LLH5 Datasheet
910Kb / 16P
N-channel 30 V, 0.0076 typ., 15 A STripFET V Power MOSFET in a PowerFLAT 5x6 package
13-Feb-2013
STL66DN3LLH5 STMICROELECTRONICS-STL66DN3LLH5 Datasheet
617Kb / 15P
Dual N-channel 30 V, 5.9 mΩ, 20 A STripFET™ V Power MOSFET in PowerFLAT™ 5x6 double island package
March 2012 Rev 2
STL60N32N3LL STMICROELECTRONICS-STL60N32N3LL Datasheet
1Mb / 14P
Dual N-channel 30 V, 0.005 Ω, 15 A PowerFLAT™ 5x6 asymmetrical double island, STripFET™ Power MOSFET
February 2012 Rev 3
STL38DN6F7AG STMICROELECTRONICS-STL38DN6F7AG Datasheet
707Kb / 15P
Automotive-grade N-channel 60 V, 24 m typ., 10 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 double island package
21-Mar-2018
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
16-Feb-2010
STL36DN6F7 STMICROELECTRONICS-STL36DN6F7 Datasheet
760Kb / 16P
Dual N-channel 60 V, 23 mΩ typ., 33 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 double island package
10-May-2017
STL100N3LLH7 STMICROELECTRONICS-STL100N3LLH7 Datasheet
525Kb / 9P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6) STripFET™ VII DeepGATE™ Power MOSFET
22-Jun-2010
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com