Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC51 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC51
Description  1A Voltage Detector with Output Delay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC51 Datasheet(HTML) 5 Page - Microchip Technology

  TC51 Datasheet HTML 1Page - Microchip Technology TC51 Datasheet HTML 2Page - Microchip Technology TC51 Datasheet HTML 3Page - Microchip Technology TC51 Datasheet HTML 4Page - Microchip Technology TC51 Datasheet HTML 5Page - Microchip Technology TC51 Datasheet HTML 6Page - Microchip Technology TC51 Datasheet HTML 7Page - Microchip Technology TC51 Datasheet HTML 8Page - Microchip Technology TC51 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
 2002 Microchip Technology Inc.
DS21429B-page 5
TC51
4.0
APPLICATIONS INFORMATION
4.1
Processor RESET Supervisor
Figure 4-1 shows the TC51 used as a processor reset
supervisor. Because the TC51 is available in threshold
settings of 1.6V to 6.0V, the user can choose the reset
single threshold setting best suited to the system power
supply voltage at hand. Also, the 1
µA supply current is
significantly lower than its nearest competitor.
As shown in the timing diagram (Figure 3-1),VOUT is
low for voltages between 0.7V and VDET+. The TC51
activates its on-board delay timer once the power
supply voltage is within tolerance (i.e., greater than
VDET+). VOUT is released after delay time (TDLY).
Should the power supply voltage momentarily dip
(“brown-out” condition), the TC51 immediately drives
and holds the processor RESET input low. RESET is
released after the power supply voltage is again within
tolerance, and after the delay timer expires. RESET is
driven and held low when power fails (power-off or
“blackout”), and is maintained down low to a supply
voltage of 0.7V.
FIGURE 4-1:
PROCESSOR RESET
SUPERVISOR
FIGURE 4-2:
TC51 OPERATION DURING POWER-UP, BROWN-OUT AND POWER DOWN
TC51
VOUT
GND
VDD
VDD
Processor
RESET
R1
47K
0.7V
Power-Up
Steady
State
Operation
TDLY
Time
TDLY
Brown-Out
Power Down
Nominal
Power Supply
Voltage
Threshold
Voltage
(VDET-, VDET+)
VOH
TC51 Output
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com