Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC51 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC51
Description  1A Voltage Detector with Output Delay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC51 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC51 Datasheet HTML 6Page - Microchip Technology TC51 Datasheet HTML 7Page - Microchip Technology TC51 Datasheet HTML 8Page - Microchip Technology TC51 Datasheet HTML 9Page - Microchip Technology TC51 Datasheet HTML 10Page - Microchip Technology TC51 Datasheet HTML 11Page - Microchip Technology TC51 Datasheet HTML 12Page - Microchip Technology TC51 Datasheet HTML 13Page - Microchip Technology TC51 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
 2002 Microchip Technology Inc.
DS21429B-page 11
TC51
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
PART CODE
TC51
N
18
0
2
E
CB
XX
Output Configuration:
N = Open Drain
Detected Voltage:
Ex: 18 = 1.8V
Output Delay:
0 = 50msec-200msec (standard)
Tolerance:
2 = ±2%
Temperature:
E: -40°C to +85°C
Package Type and Pin Count:
CB: 3-Pin SOT-23A (equivalent to EIAJ SC-59)
Taping Direction:
TR: Standard Taping
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com