Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8564-4500JL Datasheet(PDF) 2 Page - 3M Electronics

Part # 8564-4500JL
Description  .100,  .100, Polarized Boardmount Socket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8564-4500JL Datasheet(HTML) 2 Page - 3M Electronics

  8564-4500JL Datasheet HTML 1Page - 3M Electronics 8564-4500JL Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.100
″  .100″ Polarized Boardmount Socket
Centerbump Polarization with Straight Solder Tails
8500 Series
Contact
Quantity
Dimension
A
10
17.3 [ .68 ]
16
25.9 [ .98 ]
20
30.0 [ 1.18 ]
26
37.6 [ 1.48 ]
34
47.7 [ 1.88 ]
40
55.4 [ 2.18 ]
50
68.1 [ 2.68 ]
60
80.8 [ 3.18 ]
64
85.8 [ 3.38 ]
85XX
∅1.0 ± .076 Typ
[ .039 ]
2.54
± .076
[ .100 ]
TS-0413-07
Sheet 2 of 2
Notes:
1. This polarizing groove is non-existent on the 10 position version.
2. The contact soldertail is designed to retain the connector on the PC board during
flow soldering operations.
3. Recommended to be mated to the .100” x .100” low profile header and the Plug
Connector 4600 Series without ejector latches.
Contact Quantity:
See Table
Sockets
85XX-4500JL
Ordering Information
3435-0
Keying Plug
(Optional: Order
Separately)
0.66
[ .026 ]
1.30
[ .051 ]
0.81
[ .032 ]
6.1
[ .24 ]
3435
Breakaway
Tab
Recommended Mounting Hole Pattern
(Shown for Top Side of PC Board)
2.54 Ref
[ .100 ]
0.32
[ .013 ]
0.62
[ .024 ]
2.8
[ .11 ]
10.8
[ .425 ]
0.65
[ .026 ]
Triangle
Indicates
Position 1
0.81
[ .032 ]
See Note 2
See Note 1
2.54 Ref
[ .100 ]
3.4
[ .13 ]
Military:
Dual Polarization
Slots
Position 1
2.54
[ .100 ]
3.6
[ .14 ]
A
Position 2
2.54 Typ
[ .100 ]
1.0
[ .04 ]
Centerbump (Standard)
6.1
[ .24 ]
2.54
± .076
[ .100 ]
®
®
mm
[Inch]
mm
Tolerance Unless Noted
[ ] Dimensions for
Reference only
± .15
± .3
.000
.00
.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com