Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8564-4500JL Datasheet(PDF) 1 Page - 3M Electronics

Part # 8564-4500JL
Description  .100,  .100, Polarized Boardmount Socket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8564-4500JL Datasheet(HTML) 1 Page - 3M Electronics

  8564-4500JL Datasheet HTML 1Page - 3M Electronics 8564-4500JL Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.100
″  .100″ Polarized Boardmount Socket
Centerbump Polarization with Straight Solder Tails
8500 Series
84
TS-0413-07
Sheet 1 of 2
S Centerbump polarization
S Mates with low profile shrouded headers
S Part number on each piece
S Optional keying plug
S Nine popular positions
S UL 94V–0 rated polyester body
S Board retention feature
Date Modified: February 19, 1999
Physical
Insulation
Material: Glass Filled Polyester (PBT)
Flammability: UL 94V-0
Color: Gray
Contact
Material: Copper Alloy
Plating
Underplating & U-Slot: 2
µm [ 79 µ″ ] Nickel — QQ-N-290, Class 2
Wiping Area: 0.3
µm [ 12 µ″ ] Gold — MIL-G-45204, Type II, Grade C
Solder Tails: Tin Lead — MIL-P-81728
Marking: 3M Logo, Part Identification Number and Orientation Triangle
Electrical
Current Rating: 1 A
Insulation Resistance: > 1
× 109 Ω at 500 Vdc
Withstanding Voltage: 1000 Vrms at Sea Level
Environmental
Temperature Rating: –55
°C to 105°C
UL File No.: E68080


Similar Part No. - 8564-4500JL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856409 TRIQUINT-856409 Datasheet
566Kb / 7P
1842.5 MHz SAW Filter
856417 TRIQUINT-856417 Datasheet
600Kb / 7P
1960 MHz SAW Filter
logo
Weidmuller
8564290000 WEIDMULLER-8564290000 Datasheet
111Kb / 4P
Standard distributor with bus termination (active)
8564320000 WEIDMULLER-8564320000 Datasheet
106Kb / 4P
Standard distributor with bus termination (active)
8564330000 WEIDMULLER-8564330000 Datasheet
113Kb / 4P
Standard distributor
More results

Similar Description - 8564-4500JL

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3490-5 3M-3490-5 Datasheet
20Kb / 1P
100 X 100, Wiremount Socket
7164 3M-7164 Datasheet
33Kb / 2P
Inverse DIN 41612 Boardmount Socket
logo
Adam Technologies, Inc.
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
.100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
logo
3M Electronics
9601026202AR 3M-9601026202AR Datasheet
548Kb / 5P
3M??Boardmount Socket
950408-5002-AR 3M-950408-5002-AR Datasheet
566Kb / 4P
3M??Boardmount Socket
logo
Major League Electronic...
PSSHS-5-D MAJOR-LEAGUE-PSSHS-5-D Datasheet
101Kb / 2P
Polarized Socket
logo
3M Electronics
3448-3050 3M-3448-3050 Datasheet
392Kb / 4P
.100 x .100 Wiremount Socket
logo
List of Unclassifed Man...
SMS24GE3 ETC2-SMS24GE3 Datasheet
223Kb / 4P
Boardmount Qikmate
logo
ATMEL Corporation
RC100M-11 ATMEL-RC100M-11 Datasheet
43Kb / 1P
for TQFP-100 socket
RC100M-18 ATMEL-RC100M-18 Datasheet
47Kb / 1P
for TQFP-100 socket
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com