Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7164 Datasheet (PDF) - 3M Electronics

7164 Datasheet PDF - 3M Electronics
Part # 7164
Download  7164 Download
File Size   33.27 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Inverse DIN 41612 Boardmount Socket

7164 Datasheet (PDF)

Go To PDF Page Download Datasheet
7164 Datasheet PDF - 3M Electronics

Part # 7164
Download  7164 Click to download

File Size   33.27 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Inverse DIN 41612 Boardmount Socket

7164 Datasheet (HTML) - 3M Electronics


7164 Product details

Features
■ Current Rating: 3 A
■ Insulation Resistance: > 1 × 1012 Ω at 1000 Vdc
■ Withstanding Voltage: 1000 Vrms at Sea Level
■ Contact Resistance: < 15 Milliohms Environmental
■ Temperature Rating: –55°C to +125°C UL File No.: E68080




Similar Part No. - 7164

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
7164 KEYSTONE-7164 Datasheet
86Kb / 1P
INSTRUMENTATION HANDLES
logo
Wiha Tools
71648 WIHA-71648 Datasheet
195Kb / 1P
Wiha Tamper Resistant TORX® Insert Bits and Power Bits
logo
Renesas Technology Corp
7164L RENESAS-7164L Datasheet
213Kb / 12P
CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
7164L100DB RENESAS-7164L100DB Datasheet
213Kb / 12P
CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Integrated Device Techn...
7164L100DG8 IDT-7164L100DG8 Datasheet
749Kb / 10P
CMOS Static RAM 64K
More results


Similar Description - 7164

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7064 3M-7064 Datasheet
28Kb / 2P
Inverse DIN 41612 Header
19-Feb-1999
logo
Adam Technologies, Inc.
DIN-48MS-S33-A1C1 ADAM-TECH-DIN-48MS-S33-A1C1 Datasheet
91Kb / 1P
DIN 41612 CONNECTORS INVERSE TYPE 1/2 R
DIN-64MS-L22-A1C1 ADAM-TECH-DIN-64MS-L22-A1C1 Datasheet
98Kb / 1P
DIN 41612 CONNECTORS INVERSE TYPE Q
DIN-96MS-L33-A1C1 ADAM-TECH-DIN-96MS-L33-A1C1 Datasheet
108Kb / 1P
DIN 41612 CONNECTORS INVERSE TYPE R
logo
Dubilier
DBCIDC2364FBS1 DUBILIER-DBCIDC2364FBS1 Datasheet
106Kb / 1P
DIN 41612 IDC DIN 41612
logo
3M Electronics
9601026202AR 3M-9601026202AR Datasheet
548Kb / 5P
3M™ Boardmount Socket
14-Feb-2008
logo
Molex Electronics Ltd.
0850560024 MOLEX9-0850560024 Datasheet
141Kb / 4P
2.54mm (.100") Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Female Style M Inverse
logo
3M Electronics
950408-5002-AR 3M-950408-5002-AR Datasheet
566Kb / 4P
3M™ Boardmount Socket
24-Apr-2012
logo
Dubilier
DBCIDC2364FBS1 DUBILIER-DBCIDC2364FBS1_11 Datasheet
193Kb / 1P
DIN 41612 IDC DIN 41612
logo
3M Electronics
8510-4500JL 3M-8510-4500JL Datasheet
34Kb / 2P
.100,  .100, Polarized Boardmount Socket
19-Feb-1999
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com