Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7164 Datasheet(PDF) 1 Page - 3M Electronics

Part # 7164
Description  Inverse DIN 41612 Boardmount Socket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7164 Datasheet(HTML) 1 Page - 3M Electronics

  7164 Datasheet HTML 1Page - 3M Electronics 7164 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
Inverse DIN 41612 Boardmount Socket
2 Row Type Q (Rows A & B Filled)
7164 Series
93
S High density (64 position)
S Low mating force minimizes plating wear on
contact surfaces
S High reliability contact design
S Individual connector coding with the 3435-1
keying plug
TS-0429-07
Sheet 1 of 2
Date Modified: February 19, 1999
Physical
Insulation
Material: Glass Filled Polyester (PBT)
Flammability: UL 94V-0
Color: Gray
Contact
Material: Phosphor Bronze
Plating
Underplate: 79
µ″ (2.00 µm) Nickel — QQ-N-290, Class 2
Wiping Area: 15
µ″ (0.38 µm) Gold — MIL-G-45204, Type II, Grade C
Solder Tails: 200
µ″ (5.08 µm) 60/40 Tin Lead — MIL-P-81728
Electrical
Current Rating: 3 A
Insulation Resistance: > 1
× 1012 Ω at 1000 Vdc
Withstanding Voltage: 1000 Vrms at Sea Level
Contact Resistance: < 15 Milliohms
Environmental
Temperature Rating: –55
°C to +125°C
UL File No.: E68080


Similar Part No. - 7164

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
7164 KEYSTONE-7164 Datasheet
86Kb / 1P
INSTRUMENTATION HANDLES
logo
Wiha Tools
71648 WIHA-71648 Datasheet
195Kb / 1P
Wiha Tamper Resistant TORX® Insert Bits and Power Bits
logo
Renesas Technology Corp
7164L RENESAS-7164L Datasheet
213Kb / 12P
CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
7164L100DB RENESAS-7164L100DB Datasheet
213Kb / 12P
CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Integrated Device Techn...
7164L100DG8 IDT-7164L100DG8 Datasheet
749Kb / 10P
CMOS Static RAM 64K
More results

Similar Description - 7164

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7064 3M-7064 Datasheet
28Kb / 2P
Inverse DIN 41612 Header
19-Feb-1999
logo
Adam Technologies, Inc.
DIN-48MS-S33-A1C1 ADAM-TECH-DIN-48MS-S33-A1C1 Datasheet
91Kb / 1P
DIN 41612 CONNECTORS INVERSE TYPE 1/2 R
DIN-64MS-L22-A1C1 ADAM-TECH-DIN-64MS-L22-A1C1 Datasheet
98Kb / 1P
DIN 41612 CONNECTORS INVERSE TYPE Q
DIN-96MS-L33-A1C1 ADAM-TECH-DIN-96MS-L33-A1C1 Datasheet
108Kb / 1P
DIN 41612 CONNECTORS INVERSE TYPE R
logo
Dubilier
DBCIDC2364FBS1 DUBILIER-DBCIDC2364FBS1 Datasheet
106Kb / 1P
DIN 41612 IDC DIN 41612
logo
3M Electronics
9601026202AR 3M-9601026202AR Datasheet
548Kb / 5P
3M™ Boardmount Socket
14-Feb-2008
logo
Molex Electronics Ltd.
0850560024 MOLEX9-0850560024 Datasheet
141Kb / 4P
2.54mm (.100") Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Female Style M Inverse
logo
3M Electronics
950408-5002-AR 3M-950408-5002-AR Datasheet
566Kb / 4P
3M™ Boardmount Socket
24-Apr-2012
logo
Dubilier
DBCIDC2364FBS1 DUBILIER-DBCIDC2364FBS1_11 Datasheet
193Kb / 1P
DIN 41612 IDC DIN 41612
logo
3M Electronics
8510-4500JL 3M-8510-4500JL Datasheet
34Kb / 2P
.100,  .100, Polarized Boardmount Socket
19-Feb-1999
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com