Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7064 Datasheet (PDF) - 3M Electronics

7064 Datasheet PDF - 3M Electronics
Part # 7064
Download  7064 Download
File Size   28.59 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Inverse DIN 41612 Header

7064 Datasheet (PDF)

Go To PDF Page Download Datasheet
7064 Datasheet PDF - 3M Electronics

Part # 7064
Download  7064 Click to download

File Size   28.59 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Inverse DIN 41612 Header

7064 Datasheet (HTML) - 3M Electronics


7064 Product details

Features
■ Current Rating: 3 A
■ Insulation Resistance: > 1 × 1012 Ω at 1000 Vdc
■ Withstanding Voltage: 1000 Vrms at Sea Level
■ Contact Resistance: < 15 Milliohms Environmental
■ Temperature Rating: –55°C to +125°C UL File No.: E68080




Similar Part No. - 7064

ManufacturerPart #DatasheetDescription
logo
Heyco.
7064 HEYCO-7064 Datasheet
160Kb / 1P
Male Pins
logo
Leach International Cor...
7064-4653 LEACH-7064-4653 Datasheet
357Kb / 5P
CONTACTOR 1PST, N.O. 50 AMP
logo
Wixroyd Group Ltd
70640 WIXROYD-70640 Datasheet
223Kb / 1P
Three Lobed Knobs
More results


Similar Description - 7064

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7164 3M-7164 Datasheet
33Kb / 2P
Inverse DIN 41612 Boardmount Socket
19-Feb-1999
logo
FCI connector
8609XXX7113XX5 FCI-CONNECTOR-8609XXX7113XX5 Datasheet
213Kb / 1P
DIN STANDARD HEADER(ANGLED SPILL DIN 41612 STYLE-C)
8609XXX51137X5 FCI-CONNECTOR-8609XXX51137X5 Datasheet
201Kb / 1P
DIN STANDARD HEADER(ANGLED SPILL DIN 41612 STYLE-B)
logo
Adam Technologies, Inc.
DIN-48MS-S33-A1C1 ADAM-TECH-DIN-48MS-S33-A1C1 Datasheet
91Kb / 1P
DIN 41612 CONNECTORS INVERSE TYPE 1/2 R
DIN-64MS-L22-A1C1 ADAM-TECH-DIN-64MS-L22-A1C1 Datasheet
98Kb / 1P
DIN 41612 CONNECTORS INVERSE TYPE Q
DIN-96MS-L33-A1C1 ADAM-TECH-DIN-96MS-L33-A1C1 Datasheet
108Kb / 1P
DIN 41612 CONNECTORS INVERSE TYPE R
logo
Dubilier
DBCIDC2364FBS1 DUBILIER-DBCIDC2364FBS1 Datasheet
106Kb / 1P
DIN 41612 IDC DIN 41612
logo
FCI connector
C-8609-2003 FCI-CONNECTOR-C-8609-2003 Datasheet
72Kb / 1P
DIN STANDARD HEADER DIN 41612 STYLE C/2
logo
Dubilier
DBCIDC2364FBS1 DUBILIER-DBCIDC2364FBS1_11 Datasheet
193Kb / 1P
DIN 41612 IDC DIN 41612
logo
Amphenol Communications...
C-8609-2003 AMPHENOLCS-C-8609-2003 Datasheet
93Kb / 1P
DIN STANDARD HEADER DIN 41612 STYLE C/2
Rev H
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com