Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7064 Datasheet(PDF) 1 Page - 3M Electronics

Part # 7064
Description  Inverse DIN 41612 Header
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7064 Datasheet(HTML) 1 Page - 3M Electronics

  7064 Datasheet HTML 1Page - 3M Electronics 7064 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
Inverse DIN 41612 Header
Two Row Type Q (Rows A & B Filled)
7064 Series
92
S High density (64 position)
S Accepts 3435-1 keying plug system
TS-0428-06
Sheet 1 of 2
Date Modified: February 19, 1999
Physical
Insulation
Material: Glass Filled Polyester (PBT)
Flammability: UL 94V-0
Color: Gray
Contact
Material: Brass
Plating
Underplate: 79
µ″ (2.00 µm) Nickel — QQ-N-290, Class 2
Wiping Area: 15
µ″ (0.38 µm) Gold — MIL-G-45204, Type II, Grade C
Solder Tails: 200
µ″ (5.08 µm) 60/40 Tin Lead — MIL-P-81728
Electrical
Current Rating: 3 A
Insulation Resistance: > 1
× 1012 Ω at 1000 Vdc
Withstanding Voltage: 1000 Vrms at Sea Level
Contact Resistance: < 15 Milliohms
Environmental
Temperature Rating: –55
°C to +125°C
UL File No.: E68080


Similar Part No. - 7064

ManufacturerPart #DatasheetDescription
logo
Heyco.
7064 HEYCO-7064 Datasheet
160Kb / 1P
Male Pins
logo
Leach International Cor...
7064-4653 LEACH-7064-4653 Datasheet
357Kb / 5P
CONTACTOR 1PST, N.O. 50 AMP
logo
Wixroyd Group Ltd
70640 WIXROYD-70640 Datasheet
223Kb / 1P
Three Lobed Knobs
More results

Similar Description - 7064

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7164 3M-7164 Datasheet
33Kb / 2P
Inverse DIN 41612 Boardmount Socket
19-Feb-1999
logo
FCI connector
8609XXX7113XX5 FCI-CONNECTOR-8609XXX7113XX5 Datasheet
213Kb / 1P
DIN STANDARD HEADER(ANGLED SPILL DIN 41612 STYLE-C)
8609XXX51137X5 FCI-CONNECTOR-8609XXX51137X5 Datasheet
201Kb / 1P
DIN STANDARD HEADER(ANGLED SPILL DIN 41612 STYLE-B)
logo
Adam Technologies, Inc.
DIN-48MS-S33-A1C1 ADAM-TECH-DIN-48MS-S33-A1C1 Datasheet
91Kb / 1P
DIN 41612 CONNECTORS INVERSE TYPE 1/2 R
DIN-64MS-L22-A1C1 ADAM-TECH-DIN-64MS-L22-A1C1 Datasheet
98Kb / 1P
DIN 41612 CONNECTORS INVERSE TYPE Q
DIN-96MS-L33-A1C1 ADAM-TECH-DIN-96MS-L33-A1C1 Datasheet
108Kb / 1P
DIN 41612 CONNECTORS INVERSE TYPE R
logo
Dubilier
DBCIDC2364FBS1 DUBILIER-DBCIDC2364FBS1 Datasheet
106Kb / 1P
DIN 41612 IDC DIN 41612
logo
FCI connector
C-8609-2003 FCI-CONNECTOR-C-8609-2003 Datasheet
72Kb / 1P
DIN STANDARD HEADER DIN 41612 STYLE C/2
logo
Dubilier
DBCIDC2364FBS1 DUBILIER-DBCIDC2364FBS1_11 Datasheet
193Kb / 1P
DIN 41612 IDC DIN 41612
logo
Amphenol Communications...
C-8609-2003 AMPHENOLCS-C-8609-2003 Datasheet
93Kb / 1P
DIN STANDARD HEADER DIN 41612 STYLE C/2
Rev H
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com