Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29002 Datasheet(PDF) 21 Page - AMIC Technology

Part # A29002
Description  256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29002 Datasheet(HTML) 21 Page - AMIC Technology

Back Button A29002 Datasheet HTML 17Page - AMIC Technology A29002 Datasheet HTML 18Page - AMIC Technology A29002 Datasheet HTML 19Page - AMIC Technology A29002 Datasheet HTML 20Page - AMIC Technology A29002 Datasheet HTML 21Page - AMIC Technology A29002 Datasheet HTML 22Page - AMIC Technology A29002 Datasheet HTML 23Page - AMIC Technology A29002 Datasheet HTML 24Page - AMIC Technology A29002 Datasheet HTML 25Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
A29002/A290021 Series
(February, 2002, Version 1.0)
21
AMIC Technology, Inc.
Addresses
CE
OE
WE
Data
VCC
55h
30h
tWC
SA
Erase Command Sequence (last two cycles)
VA
Complete
VA
In
Progress
tAS
tVCS
Read Status Data
2AAh
tAH
tWHWH2
tCH
tGHWL
tWP
tWPH
tCS
tDS
tDH
Note : SA = Sector Address. VA = Valid Address for reading status data.
555h for chip erase
10h for chip erase
Timing Waveforms for Chip/Sector Erase Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com