Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE46C190 Datasheet(PDF) 21 Page - Microchip Technology

Part # RE46C190
Description  CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C190 Datasheet(HTML) 21 Page - Microchip Technology

Back Button RE46C190 Datasheet HTML 17Page - Microchip Technology RE46C190 Datasheet HTML 18Page - Microchip Technology RE46C190 Datasheet HTML 19Page - Microchip Technology RE46C190 Datasheet HTML 20Page - Microchip Technology RE46C190 Datasheet HTML 21Page - Microchip Technology RE46C190 Datasheet HTML 22Page - Microchip Technology RE46C190 Datasheet HTML 23Page - Microchip Technology RE46C190 Datasheet HTML 24Page - Microchip Technology RE46C190 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
 2010 Microchip Technology Inc.
DS22271A-page 21
RE46C190
As an alternative to Figure 4-1, Figure 4-3 can be used
to program while in the application circuit. Note that in
addition to the five programming supplies, connections
to VSS are needed at TP1 and TP2.
FIGURE 4-3:
Circuit for Programming in the Typical Application.
330
VBST
16
15
14
13
12
11
10
9
8
7
6
5
3
2
1 VSS
IRED
VDD
TEST
TEST2
IRP
IRN
RLED
FEED
GLED
IRCAP
IO
HB
HS
VBST
LX
RE46C190
D2
D3
4
9
D1
4.7 µF
C4
200K
R3
1.5M
R4
1 nF
C5
L1
10 µH
330
R5
33 µF
C6
To other Units
1 µF
C2
100
R1
10 µF
C1
VDD
VBST
R6
100
R7
D4
RED
D5
GREEN
C3
100 µF
Smoke
Chamber
V1
3V
TP1
TP2
V4
V5
V6
V7
V2
5V
V3
5V
Monitor RLED,
GLED and HB
Push-To-Test/
Hush



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com