Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJS830200 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # SJS830200
Description  New from Amphenol Pcd
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SJS830200 Datasheet(HTML) 3 Page - Amphenol Corporation

  SJS830200 Datasheet HTML 1Page - Amphenol Corporation SJS830200 Datasheet HTML 2Page - Amphenol Corporation SJS830200 Datasheet HTML 3Page - Amphenol Corporation SJS830200 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Plug descriptions
Single-Pin & Triple-Pin QuickConnect™
Single Wire
Size
Part No.
Length
Inch
cm
Diameter
Inch
cm
Mated Length
Inch
cm
Weight
Grams
Key
Color
12
SJS512100
1.21
3.07
0.45
1.14
1.78
4.52
2.19
Blue
SJS512110
Red
16
SJS716100
1.13
2.87
0.39
0.99
1.65
4.20
1.70
N/A
Blue
SJS716110
Red
20
SJS720100
1.11
2.82
0.39
0.99
1.70
4.32
1.40
N/A
Green
SJS720110
Yellow
Triple Wire
16
SJS816100
1.12
2.84
0.70
1.78
1.60
4.10
5.30
A
Red
SJS816110
B
White
SJS816120
C
Blue
20
SJS820100
1.08
2.74
0.70
1.78
1.68
4.27
4.30
A
Red
SJS820110
B
White
SJS820120
C
Blue
N/A
Receptacle descriptions
Single Wire
Size
Part No.
Length
Inch
cm
Diameter
Inch
cm
Mated Length
Inch
cm
Weight
Grams
Key
Color
12
SJS512200
1.12
2.84
0.49
1.24
1.78
4.52
1.80
Blue
SJS512210
Red
16
SJS716200
1.06
2.69
0.43
1.09
1.65
4.20
1.50
N/A
Blue
SJS716210
Red
20
SJS720200
1.03
2.61
0.39
0.99
1.70
4.32
1.20
N/A
Green
SJS720210
Yellow
Triple Wire
16
SJS816200
1.03
2.61
0.70
1.78
1.60
4.10
4.60
A
Red
SJS816210
B
White
SJS816220
C
Blue
20
SJS820200
0.99
2.51
0.70
1.78
1.68
4.27
3.70
A
Red
SJS820210
B
White
SJS820220
C
Blue
N/A
TECHNICAL SPECIFICATIONS
MATERIALS
Insulator Body
Polyamide 6/6 (Nylon)
Grommet
Silicone Rubber
Contact
Retainers
Stainless Steel
PERFORMANCE
Temperature
Range
- 65°C to + 125°C
Insulation
Resistance
> 5000 Megaohms Min.
Dialectric
Withstanding
1500Vrms @ Sea Level
Voltage
600Vrms @ 45,000 Ft. Altitude
Current
Ratings
Size 20: 7.5 Amps
Size 16: 13 Amps
Size 12: 23 Amps
Sealing
Size 16 & 20: EIA-364-03B (12,000 Ft.)
Size 12: EIA-364-D, Method 3
Vibration
Size 16 & 20: EIA-364-28D (Test
Condition V, E)
Size 12: EIA-364-D (Method 28, Test
Condition V)
Flammability
UL94, V0.
CTI Rating
UL746B, 600V
Contact
Retention
Size 16 & 20: EIA-364-29B (20 lb)
Size 12: 30 lbs
CONTACTS
Plug
Size 12
M39029/56-353 (socket)
Size 16
M39029/56-352 (socket)
Size 20
M39029/56-351 (socket)
Size 12
M39029/58-365 (pin)
Size 16
M39029/58-364 (pin)
Size 20
M39029/58-363 (pin)
Receptacle
Product Description
Single-Pin QuickConnect™:
Developed to meet MIL-T-81714 criteria and available in two colors per size,
these products feature an environmental sealing that meets EIA-364D-03B to
12,000 ft. Altitude Immersion Test standard. Mating and releasing the plug
and receptacle is made simple to do. Simply push the part together to mate,
and “twist and pull” to release.
Triple-Pin QuickConnect™:
Developed to meet MIL-T-81714 criteria and available in three colors, these
products feature molded-in polarizing keys to enable blind-mate connections.
Simply push the part together to mate and lock, and “squeeze and pull” to
release.
(Contacts must be ordered separately. Three pin and
socket sets are required per triple QuickConnect and
one pair per single.)
Wire
Size
Crimp Tool
Installation/
Removal Tool
Basic Tool
Positioner
12
M22520/1-04
M81969/14-04
22D
M22520/2-09 (P)
M22520/2-07 (S)
M81969/14-01
M22520/1-01
M22520/2-01
16
M22520/1-01
M22520/1-04
M81969/14-03
20
M22520/1-01
M22520/1-04
M81969/14-02
TERMINATION ACCESSORIES
Amphenol Pcd
www.amphenolpcd.com
email: quickconnect@amphenolpcd.com
978-624-3400



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com