Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJS830200 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # SJS830200
Description  New from Amphenol Pcd
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SJS830200 Datasheet(HTML) 2 Page - Amphenol Corporation

  SJS830200 Datasheet HTML 1Page - Amphenol Corporation SJS830200 Datasheet HTML 2Page - Amphenol Corporation SJS830200 Datasheet HTML 3Page - Amphenol Corporation SJS830200 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL SPECIFICATIONS
MATERIALS
Insulator Body Polyamide 6/6 (Nylon)
Grommet
Silicone Rubber
Contact
Retainers
Stainless Steel
PERFORMANCE
Temperature
Range
- 65°C to + 125°C
Insulation
Resistance
5000 Megaohms Min.
@ 500 VDC
Dielectric
Withstanding
1000 VRMS, 60 Hz @ Sea Level
300 VRMS, 60 Hz @ 70,000 ft.
300 VRMS, 60 Hz @ 100,000 ft.
Durability
500 Mating Cycles
Temperature
Cycling
5 (1) Hour Cycles:
- 65°C to + 125°C
Shock
100G Sawtooth, 6MS
Vibration
10-2000 Hz, 15G Peak
Salt Spray
5% Salt Spray
@ 95°F for 48 Hours
Humidity
10 Days @ 25°C to 65°C,
80-90% RH
Current
Ratings
Size 22: 5 Amps
CONTACTS
Size 22
M39029/57-354 (socket)
Size 22
M39029/58-360 (pin)
Plug
Receptacle
8-Pin QuickConnect™
Product Description
8 Wire
Size
Part No.
Length
Inch
cm
Diameter
Inch
cm
Mated Length
Inch
cm
Weight
Grams
Key
Color
22
SJS830100
0.77
0.52
1.25
1.72
N/A
Black
1.32
1.95
3.18
Plug description
Receptacle description
8 Wire
Size
Part No.
Length
Inch
cm
Diameter
Inch
cm
Mated Length
Inch
cm
Weight
Grams
Key
Color
22
SJS830200
0.74
0.45
1.25
1.37
N/A
Black
1.14
1.88
3.18
8-Pin QuickConnect™:
The new 8-Pin QuickConnect, the latest product in the SJS QuickConnect series, was
developed to bring higher reliability and flexibility to wiring applications. Designed to meet
MIL-T-81714 criteria, the product, with no tools necessary, is simple to install and easy to
maintain. It features a locking mechanism that ensures mating stability and a high density
contact area that allows for a variety of power and data applications—all within a small,
lightweight envelope.
Plug
SJS830100
Receptacle
SJS830200
(Contacts must be ordered separately.)
For new contact arrangements, contact us.
To Connect:
1.
On plug, line up circle and triangle.
2.
Align circles on plug and receptacle.
3.
Gently push together and “twist” to lock.
Plug
Receptacle
Amphenol Pcd
www.amphenolpcd.com
email: quickconnect@amphenolpcd.com
978-624-3400
Dimensions: Inches



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com