Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29400 Datasheet(PDF) 20 Page - AMIC Technology

Part # 29400
Description  512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

29400 Datasheet(HTML) 20 Page - AMIC Technology

Back Button 29400 Datasheet HTML 16Page - AMIC Technology 29400 Datasheet HTML 17Page - AMIC Technology 29400 Datasheet HTML 18Page - AMIC Technology 29400 Datasheet HTML 19Page - AMIC Technology 29400 Datasheet HTML 20Page - AMIC Technology 29400 Datasheet HTML 21Page - AMIC Technology 29400 Datasheet HTML 22Page - AMIC Technology 29400 Datasheet HTML 23Page - AMIC Technology 29400 Datasheet HTML 24Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
A29400 Series
PRELIMINARY
(February, 2001, Version 0.1)
20
AMIC Technology, Inc.
Temporary Sector Unprotect
Parameter
JEDEC
Std
Description
All Speed Options
Unit
tVIDR
VID Rise and Fall Time (See Note)
Min
500
ns
tRSP
RESET Setup Time for Temporary Sector
Unprotect
Min
4
µs
Note: Not 100% tested.
Temporary Sector Unprotect Timing Diagram
Program or Erase Command Sequence
RESET
12V
0 or 5V
tVIDR
tVIDR
0 or 5V
tRSP
CE
WE
RY/BY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com