Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29400 Datasheet (PDF) - AMIC Technology

29400 Datasheet PDF - AMIC Technology
Part # 29400
Download  29400 Download
File Size   497.71 Kbytes
Page   33 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory

29400 Datasheet (PDF)

Go To PDF Page Download Datasheet
29400 Datasheet PDF - AMIC Technology

Part # 29400
Download  29400 Click to download

File Size   497.71 Kbytes
Page   33 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory

29400 Datasheet (HTML) - AMIC Technology


29400 Product details

General Description
The A29400 is a 5.0 volt only Flash memory organized as 524,288 bytes of 8 bits or 262,144 words of 16 bits each. The A29400 offers the RESET function. The 512 Kbytes of data are further divided into eleven sectors for flexible sector erase capability. The 8 bits of data appear on I/O0 - I/O7 while the addresses are input on A1 to A17; the 16 bits of data appear on I/O0~I/O15. The A29400 is offered in 44-pin SOP and 48-Pin TSOP packages. This device is designed to be programmed insystem with the standard system 5.0 volt VCC supply. Additional 12.0 volt VPP is not required for in-system write or erase operations. However, the A29400 can also be programmed in standard EPROM programmers.

Features
■ 5.0V ± 10% for read and write operations
■ Access times:
    - 55/70/90 (max.)
■ Current:
    - 20 mA typical active read current
    - 30 mA typical program/erase current
    - 1 mA typical CMOS standby
■ Flexible sector architecture
    - 16 Kbyte/ 8 KbyteX2/ 32 Kbyte/ 64 KbyteX7 sectors
    - 8 Kword/ 4 KwordX2/ 16 Kword/ 32 KwordX7 sectors
    - Any combination of sectors can be erased
    - Supports full chip erase
    - Sector protection:
       A hardware method of protecting sectors to prevent
       any inadvertent program or erase operations within
       that sector
■ Top or bottom boot block configurations available
■ Embedded Erase Algorithms
    - Embedded Erase algorithm will automatically erase
       the entire chip or any combination of designated
       sectors and verify the erased sectors
    - Embedded Program algorithm automatically writes
       and verifies bytes at specified addresses
■ Typical 100,000 program/erase cycles per sector
■ 20-year data retention at 125°C
    - Reliable operation for the life of the system
■ Compatible with JEDEC-standards
    - Pinout and software compatible with single-powersupply Flash memory standard
    - Superior inadvertent write protection
■ Data Polling and toggle bits
    - Provides a software method of detecting completion
       of program or erase operations
■ Erase Suspend/Erase Resume
    - Suspends a sector erase operation to read data from,
       or program data to, a non-erasing sector, then
       resumes the erase operation
■ Hardware reset pin (RESET )
    - Hardware method to reset the device to reading array
       data
■ Package options
    - 44-pin SOP or 48-pin TSOP (I)




Similar Part No. - 29400

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
294000 ERNI-294000 Datasheet
77Kb / 1P
0,8 DRC-B, F 4mm, 12 polig
294001 ERNI-294001 Datasheet
79Kb / 1P
0,8 DRC-B, F 4mm, 16 polig
294002 ERNI-294002 Datasheet
85Kb / 1P
0,8 DRC-B, F 4mm, 20 polig
logo
PHOENIX CONTACT
2940029 PHOENIX-2940029 Datasheet
92Kb / 4P
Electronic housing set, consisting of electronic housing and printed circuit termination blocks, pitch 5
logo
ERNI Electronics
294003 ERNI-294003 Datasheet
88Kb / 1P
0,8 DRC-B, F 4mm, 26 polig
More results


Similar Description - 29400

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29002 AMICC-A29002 Datasheet
312Kb / 32P
256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800 AMICC-A29800 Datasheet
514Kb / 34P
1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
List of Unclassifed Man...
EN29F800 ETC-EN29F800 Datasheet
221Kb / 38P
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
logo
AMIC Technology
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29400A AMICC-A29400A Datasheet
383Kb / 34P
512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800B AMICC-A29800B Datasheet
488Kb / 40P
1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29801B AMICC-A29801B Datasheet
489Kb / 40P
1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com