Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9777C Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9777C
Description  Low power voltage regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9777C Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9777C Datasheet HTML 13Page - STMicroelectronics L9777C Datasheet HTML 14Page - STMicroelectronics L9777C Datasheet HTML 15Page - STMicroelectronics L9777C Datasheet HTML 16Page - STMicroelectronics L9777C Datasheet HTML 17Page - STMicroelectronics L9777C Datasheet HTML 18Page - STMicroelectronics L9777C Datasheet HTML 19Page - STMicroelectronics L9777C Datasheet HTML 20Page - STMicroelectronics L9777C Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
L9777
VDD_LOW (option C)
Doc ID 13496 Rev 2
17/25
5
VDD_LOW (option C)
VDD_LOW circuit monitors VDD regulated voltage. When VDD falls below VDDUN for a
filter time TFVDD VDD_LOW output voltage is set low.
VDDUN is a reference voltage 300 mV (Typ) lower than VCC regulated voltage.
Filter time TFVDD is spike dependent as TRR1 for VCC regulator so the same consideration
applies also in this case.
Figure 13.
VDD_LOW filter tim
VDD
VDD_LOW
TFVDD11
VCC
VDD_LOW
VDDUN - 100mV
TFVDD2
VDDUN
2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com