Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9777C Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9777C
Description  Low power voltage regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9777C Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9777C Datasheet HTML 17Page - STMicroelectronics L9777C Datasheet HTML 18Page - STMicroelectronics L9777C Datasheet HTML 19Page - STMicroelectronics L9777C Datasheet HTML 20Page - STMicroelectronics L9777C Datasheet HTML 21Page - STMicroelectronics L9777C Datasheet HTML 22Page - STMicroelectronics L9777C Datasheet HTML 23Page - STMicroelectronics L9777C Datasheet HTML 24Page - STMicroelectronics L9777C Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
L9777
Package information
Doc ID 13496 Rev 2
23/25
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 14.
PowerSSO-12 mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
7392413 A
16
12
7
GAUGE PLANE
0.25 mm
SEATING
PLANE
BOTTOM
VIEW
h x 45˚
D
C
L
e
E
H
Y
X
B
A
A2
C
A1
K
C
ddd
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.250
1.620
0.049
0.002
A1
0.000
0.100
0.000
0.004
A2
1.100
1.650
0.043
0.065
B
0.230
0.410
0.009
0.016
C
0.190
0.250
0.007
0.010
D (1)
4.800
5.000
0.189
0.197
E
3.800
4.000
0.150
0.157
e
0.800
0.031
H
5.800
6.200
0.228
0.244
h
0.250
0.500
0.010
0.020
L
0.400
1.270
0.016
0.050
k
0¡8¡
0¡8¡
X
1.900
2.500
0.075
0.098
Y
3.600
4.200
0.142
0.165
ddd
0.100
0.004
Note:
1. D does not include mold flash or protrusions or gate
burrs. Mold flash potrusions or gate burrs shall not ex-
ceed 0.15mm (.006inch) in total.
PowerSSO-12
(Exposed Pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com