Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317K Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM317K
Description  1.2 V to 37 V adjustable voltage regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM317K Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM317K Datasheet HTML 3Page - STMicroelectronics LM317K Datasheet HTML 4Page - STMicroelectronics LM317K Datasheet HTML 5Page - STMicroelectronics LM317K Datasheet HTML 6Page - STMicroelectronics LM317K Datasheet HTML 7Page - STMicroelectronics LM317K Datasheet HTML 8Page - STMicroelectronics LM317K Datasheet HTML 9Page - STMicroelectronics LM317K Datasheet HTML 10Page - STMicroelectronics LM317K Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
LM117, LM217, LM317
Electrical characteristics
Doc ID 2154 Rev 18
7/25
VI - VO = 5 V, IO = 500 mA, IMAX = 1.5 A and PMAX = 20 W, TJ = 0 to 125°C, unless otherwise
specified.
Table 5.
Electrical characteristics for LM317
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ΔVO
Line regulation
VI - VO = 3 to 40 V
TJ = 25°C
0.01
0.04
%/V
0.02
0.07
ΔVO
Load regulation
VO ≤ 5 V
IO = 10 mA to IMAX
TJ = 25°C
5
25
mV
20
70
VO ≥5 V,
IO = 10 mA to IMAX
TJ = 25°C
0.1
0.5
%
0.3
1.5
IADJ
Adjustment pin current
50
100
µA
ΔIADJ
Adjustment pin current
VI - VO = 2.5 to 40V,
IO = 10 mA to 500mA
0.2
5
µA
VREF
Reference voltage
(between pin 3 and pin 1)
VI - VO = 2.5 to 40V IO = 10 mA to 500mA
PD ≤ PMAX
1.2
1.25
1.3
V
ΔVO/VO
Output voltage
temperature stability
1%
IO(min)
Minimum load current
VI - VO = 40 V
3.5
10
mA
IO(max)
Maximum load current
VI - VO ≤ 15 V, PD < PMAX
1.5
2.2
A
VI - VO = 40 V, PD < PMAX, TJ = 25°C
0.4
eN
Output noise voltage
(percentage of VO)
B = 10Hz to 100kHz, TJ = 25°C
0.003
%
SVR
Supply voltage rejection (1) TJ = 25°C, f = 120Hz
CADJ=0
65
dB
CADJ=10µF
66
80
1.
CADJ is connected between pin 1 and ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com