Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317K Datasheet(PDF) 9 Page - STMicroelectronics

Part # LM317K
Description  1.2 V to 37 V adjustable voltage regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM317K Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LM317K Datasheet HTML 5Page - STMicroelectronics LM317K Datasheet HTML 6Page - STMicroelectronics LM317K Datasheet HTML 7Page - STMicroelectronics LM317K Datasheet HTML 8Page - STMicroelectronics LM317K Datasheet HTML 9Page - STMicroelectronics LM317K Datasheet HTML 10Page - STMicroelectronics LM317K Datasheet HTML 11Page - STMicroelectronics LM317K Datasheet HTML 12Page - STMicroelectronics LM317K Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LM117, LM217, LM317
Application information
Doc ID 2154 Rev 18
9/25
6
Application information
The LM117, LM217, LM317 provides an internal reference voltage of 1.25 V between the
output and adjustments terminals. This is used to set a constant current flow across an
external resistor divider (see
Figure 3), giving an output voltage VO of:
VO = VREF (1 + R2/R1) + IADJ R2
The device was designed to minimize the term IADJ (100 µA max) and to maintain it very
constant with line and load changes. Usually, the error term IADJ × R2 can be neglected. To
obtain the previous requirement, all the regulator quiescent current is returned to the output
terminal, imposing a minimum load current condition. If the load is insufficient, the output
voltage will rise. Since the LM117, LM217, LM317 is a floating regulator and "sees" only the
input-to-output differential voltage, supplies of very high voltage with respect to ground can
be regulated as long as the maximum input-to-output differential is not exceeded.
Furthermore, programmable regulator are easily obtainable and, by connecting a fixed
resistor between the adjustment and output, the device can be used as a precision current
regulator. In order to optimize the load regulation, the current set resistor R1 (see Figure 3)
should be tied as close as possible to the regulator, while the ground terminal of R2 should
be near the ground of the load to provide remote ground sensing. Performance may be
improved with added capacitance as follow:
An input bypass capacitor of 0.1 µF
An adjustment terminal to ground 10 µF capacitor to improve the ripple rejection of about 15
dB (CADJ).
An 1 µF tantalum (or 25 µF Aluminium electrolytic) capacitor on the output to improve
transient response. In additional to external capacitors, it is good practice to add protection
diodes, as shown in
Figure 4 D1 protect the device against input short circuit, while D2
protect against output short circuit for capacitance discharging.
Note:
D1 protect the device against input short circuit, while D2 protects against output short
circuit for capacitors discharging.
Figure 7.
Voltage regulator with protection diodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com