Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2 Datasheet(PDF) 101 Page - STMicroelectronics

Part # PSD813F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 97Page - STMicroelectronics PSD813F2 Datasheet HTML 98Page - STMicroelectronics PSD813F2 Datasheet HTML 99Page - STMicroelectronics PSD813F2 Datasheet HTML 100Page - STMicroelectronics PSD813F2 Datasheet HTML 101Page - STMicroelectronics PSD813F2 Datasheet HTML 102Page - STMicroelectronics PSD813F2 Datasheet HTML 103Page - STMicroelectronics PSD813F2 Datasheet HTML 104Page - STMicroelectronics PSD813F2 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 128 page
background image
PSD8XXFX
AC/DC parameters
Doc ID 7833 Rev 7
101/128
Figure 40.
Synchronous clock mode timing – PLD
tARPW
CPLD register clear
or preset pulse width
25
30
35
+ 20
ns
tARD
CPLD array delay
Any
macrocell
25
29
33
+ 4
ns
1.
Fast Slew Rate output available on PA3-PA0, PB3-PB0, and PD2-PD0. Decrement times by given amount.
Table 49.
CPLD combinatorial timing (3 V devices) (continued)
Symbol
Parameter
Conditions
-12
-15
-20
PT
Aloc
Turbo
off
Slew
rate
(1)
Unit
Min Max Min Max Min Max
tCH
tCL
tCO
tH
tS
CLKIN
INPUT
REGISTERED
OUTPUT
AI02860
Table 50.
CPLD macrocell Synchronous clock mode timing (5 V devices)
Symbol
Parameter
Conditions
-70
-90
-15
Fast
PT
Aloc
Turbo
off
Slew
rate
(1)
Unit
Min
Max
Min
Max
Min
Max
fMAX
Maximum
frequency
External
feedback
1/(tS+tCO)
40.0
30.30
25.00
MHz
Maximum
frequency
Internal
feedback (fCNT)
1/(tS+tCO–10)
66.6
43.48
31.25
MHz
Maximum
frequency
Pipelined data
1/(tCH+tCL)
83.3
50.00
35.71
MHz
tS
Input setup time
12
15
20
+ 2
+ 10
ns
tH
Input hold time
0
0
0
ns
tCH
Clock high time
Clock input
6
10
15
ns
tCL
Clock low time
Clock input
6
10
15
ns
tCO
Clock to output
delay
Clock input
13
18
22
– 2
ns
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com