Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2 Datasheet(PDF) 105 Page - STMicroelectronics

Part # PSD813F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 101Page - STMicroelectronics PSD813F2 Datasheet HTML 102Page - STMicroelectronics PSD813F2 Datasheet HTML 103Page - STMicroelectronics PSD813F2 Datasheet HTML 104Page - STMicroelectronics PSD813F2 Datasheet HTML 105Page - STMicroelectronics PSD813F2 Datasheet HTML 106Page - STMicroelectronics PSD813F2 Datasheet HTML 107Page - STMicroelectronics PSD813F2 Datasheet HTML 108Page - STMicroelectronics PSD813F2 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 128 page
background image
PSD8XXFX
AC/DC parameters
Doc ID 7833 Rev 7
105/128
Figure 43.
Input macrocell timing (product term clock)
tINH
tINL
tINO
tIH
tIS
PT CLOCK
INPUT
OUTPUT
AI03101
Table 54.
Input macrocell timing (5 V devices)
Symbol
Parameter
Conditions
-70
-90
-15
PT
Aloc
Turbo
off
Unit
Min
Max Min Max Min
Max
tIS
Input setup time
(1)
000
ns
tIH
Input hold time
(1)
15
20
26
+ 10
ns
tINH
NIB input high time
(1)
912
18
ns
tINL
NIB input low time
(1)
912
18
ns
tINO
NIB input to combinatorial
delay
(1)
34
46
59
+ 2
+ 10
ns
1.
Inputs from port A, B, and C relative to register/ latch clock from the PLD. ALE/AS latch timings refer to tAVLX and tLXAX.
Table 55.
input macrocell timing (3 V devices)
Symbol
Parameter
Conditions
-12
-15
-20
PT
Aloc
Turbo
off
Unit
Min
Max Min Max Min
Max
tIS
Input setup time
(1)
000
ns
tIH
Input hold time
(1)
25
25
30
+ 20
ns
tINH
NIB input high time
(1)
12
13
15
ns
tINL
NIB input low time
(1)
12
13
15
ns
tINO
NIB input to combinatorial
delay
(1)
46
62
70
+ 4
+ 20
ns
1.
Inputs from port A, B, and C relative to register/ latch clock from the PLD. ALE latch timings refer to tAVLX and tLXAX.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com