Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024LCDR Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST8024LCDR
Description  Smartcard interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024LCDR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST8024LCDR Datasheet HTML 20Page - STMicroelectronics ST8024LCDR Datasheet HTML 21Page - STMicroelectronics ST8024LCDR Datasheet HTML 22Page - STMicroelectronics ST8024LCDR Datasheet HTML 23Page - STMicroelectronics ST8024LCDR Datasheet HTML 24Page - STMicroelectronics ST8024LCDR Datasheet HTML 25Page - STMicroelectronics ST8024LCDR Datasheet HTML 26Page - STMicroelectronics ST8024LCDR Datasheet HTML 27Page - STMicroelectronics ST8024LCDR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Functional description
ST8024L
24/35
Doc ID 17709 Rev 5
Figure 7.
Deactivation sequence
6.9
VCC generator
The VCC generator has a capacity to supply up to 80 mA (max.) continuously at 5 V,
65 mA (max.) at 3 V, and 45 mA (max.) at 1.8 V. An internal overload detector operates at
approximately 120 mA. Current samples to the detector are internally filtered, allowing
spurious current pulses up to 200 mA with a duration in the order of µs to be drawn by the
card without causing deactivation. The average current must stay below the specified
maximum current value. For reasons of VCC voltage accuracy, a 100 nF capacitor with an
ESR < 350 m
Ω should be tied to CGND near to pin VCC, and a 100 nF capacitor with the
same ESR should be tied to CGND near card reader contact C1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com