Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024LCDR Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST8024LCDR
Description  Smartcard interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024LCDR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST8024LCDR Datasheet HTML 22Page - STMicroelectronics ST8024LCDR Datasheet HTML 23Page - STMicroelectronics ST8024LCDR Datasheet HTML 24Page - STMicroelectronics ST8024LCDR Datasheet HTML 25Page - STMicroelectronics ST8024LCDR Datasheet HTML 26Page - STMicroelectronics ST8024LCDR Datasheet HTML 27Page - STMicroelectronics ST8024LCDR Datasheet HTML 28Page - STMicroelectronics ST8024LCDR Datasheet HTML 29Page - STMicroelectronics ST8024LCDR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Functional description
ST8024L
26/35
Doc ID 17709 Rev 5
Figure 9.
Emergency deactivation sequence (card extraction)
6.11
VCC selection settings
The ST8024L supports three smartcard VCC voltages: 1.8 V, 3 V, and 5 V. The VCC selection
is controlled by the 1.8V and 5V/3V signals as shown in Table 23. The 1.8V signal has
priority over the 5V/3V. When the 1.8 V pin is taken high, VCC is 1.8 V and it overrides any
setting on the 5V/3V pin.
When the 1.8V pin is taken low, the 5V/3V pin selects the 5 V or 3 V VCC. If the 5V/3V pin is
taken high, then VCC is 5 V, and if the 5V/3V pin is taken low then VCC is 3 V.
Table 23.
VCC selection settings
5V/3V pin
1.8V pin
VCC output
00
3 V
10
5 V
x1
1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com