Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP5NK40Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP5NK40Z
Description  N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5NK40Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP5NK40Z Datasheet HTML 1Page - STMicroelectronics STP5NK40Z Datasheet HTML 2Page - STMicroelectronics STP5NK40Z Datasheet HTML 3Page - STMicroelectronics STP5NK40Z Datasheet HTML 4Page - STMicroelectronics STP5NK40Z Datasheet HTML 5Page - STMicroelectronics STP5NK40Z Datasheet HTML 6Page - STMicroelectronics STP5NK40Z Datasheet HTML 7Page - STMicroelectronics STP5NK40Z Datasheet HTML 8Page - STMicroelectronics STP5NK40Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
February 2003
STP5NK40Z - STP5NK40ZFP
STD5NK40Z - STD5NK40Z-1
N-CHANNEL 400V - 1.47
Ω - 3A TO-220/TO-220FP/DPAK/IPAK
Zener-Protected SuperMESH™Power MOSFET
s
TYPICAL RDS(on) = 1.47 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established strip-
based PowerMESH™ layout. In addition to pushing
on-resistance significantly down, special care is tak-
en to ensure a very good dv/dt capability for the
most demanding applications. Such series comple-
ments ST full range of high voltage MOSFETs in-
cluding revolutionary MDmesh™ products.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTORS AND PFC
s
LIGHTING
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STP5NK40Z
STP5NK40ZFP
STD5NK40Z
STD5NK40Z-1
400 V
400 V
400 V
400 V
< 1.8
Ω
< 1.8
Ω
< 1.8
Ω
< 1.8
Ω
3A
3A
3A
3A
45 W
20 W
45 W
45 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP5NK40Z
P5NK40Z
TO-220
TUBE
STP5NK40ZFP
P5NK40ZFP
TO-220FP
TUBE
STD5NK40ZT4
D5NK40Z
DPAK
TAPE & REEL
STD5NK40Z-1
D5NK40Z
IPAK
TUBE
TO-220
TO-220FP
1
2
3
1
3
DPAK
3
2
1
IPAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP5NK40Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP5NK40Z STMICROELECTRONICS-STP5NK40Z Datasheet
601Kb / 13P
N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
logo
Inchange Semiconductor ...
STP5NK40Z ISC-STP5NK40Z Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP5NK40ZFP STMICROELECTRONICS-STP5NK40ZFP Datasheet
601Kb / 13P
N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
logo
Inchange Semiconductor ...
STP5NK40ZFP ISC-STP5NK40ZFP Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP5NK40Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4NB40 STMICROELECTRONICS-STD4NB40 Datasheet
449Kb / 10P
N-CHANNEL 400V - 1.47ohm - 4A DPAK/IPAK PowerMESH™ MOSFET
Jun-2001
STP3NK90Z STMICROELECTRONICS-STP3NK90Z Datasheet
613Kb / 13P
N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Nov-2002
STP4NK50Z STMICROELECTRONICS-STP4NK50Z Datasheet
664Kb / 13P
N-CHANNEL 500V - 2.4ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Dec-2002
STP4NK80Z STMICROELECTRONICS-STP4NK80Z Datasheet
620Kb / 13P
N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP5NK40Z STMICROELECTRONICS-STP5NK40Z Datasheet
601Kb / 13P
N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP7NK40Z STMICROELECTRONICS-STP7NK40Z Datasheet
605Kb / 13P
N-CHANNEL 400V-0.85ohm-5.4A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Sep-2002
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH™ IGBT
Jun-2003
STP4NK80Z STMICROELECTRONICS-STP4NK80Z_06 Datasheet
546Kb / 18P
N-channel 800V - 3廓 - 3A - TO-220/TO-220FP/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
16-Aug-2006
STD4NK50ZD STMICROELECTRONICS-STD4NK50ZD Datasheet
893Kb / 17P
N-channel 500V - 2.4Ω - 3A - TO-220 - TO-220FP- DPAK - IPAK Fast diode SuperMESH??Power MOSFET
27-Apr-2006
STD4NK50ZT4 STMICROELECTRONICS-STD4NK50ZT4 Datasheet
671Kb / 13P
N-CHANNEL 500V - 2.4W - 3A TO-220/TO-220FP/DPAK/IPAK
Dec-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com