Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7056 Datasheet(PDF) 6 Page - LSI Computer Systems

Part # LS7056
Description  6 DECADE PREDETERMINING UP/DOWN COUNTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7056 Datasheet(HTML) 6 Page - LSI Computer Systems

  LS7056 Datasheet HTML 1Page - LSI Computer Systems LS7056 Datasheet HTML 2Page - LSI Computer Systems LS7056 Datasheet HTML 3Page - LSI Computer Systems LS7056 Datasheet HTML 4Page - LSI Computer Systems LS7056 Datasheet HTML 5Page - LSI Computer Systems LS7056 Datasheet HTML 6Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
7055-012703-6
THUMBWHEEL
SWITCHES
LS7055/LS7056
7 SEGMENT
OUTPUT
2.5k
Ω
(typical)
10k
Ω (typical)
DIGITAL SELECT OUTPUTS
FIGURE 6.
Driving a small LED Display
(Typically 1/8") at 12V power
supply. The 2.7k
Ω resistors
provide approximately 3 mA
segment drive.
PRESET STORE
BCD TO 7
SEGMENT
DECODER
MULTIPLEXER
BLANKING
GENERATOR
LATCH
MAINSIGNAL STORE
MAINSIGNAL COMPARATOR
PRESIGNAL STORE
PRESIGNAL COMPARATOR
ZERO DETECTOR
6 DECADE UP/DOWN COUNTER
COUNTER RESET
COUNTER PRESET
UP/DOWN
CONTROL
BLANKING
OVERRIDE
INPUT
LAMP TEST INPUT
(OPTIONAL-LS7056)
7 SEGMENT
OUTPUTS
BCD
OUTPUTS
DIGIT SELECT
OUTPUTS
DIGIT SELECT
GENERATOR
SCAN
OSCILLATOR
DATA TRANSFER INPUT
DECODER
STORAGE
SELECT 1
STORAGE
SELECT 2
DIVIDE
CONTROL INPUT 1
DIVIDE
CONTROL INPUT 2
BCD
DATA
INPUTS
COUNT
INPUT
COUNT INHIBIT
INPUT
+1, 5, 6
SELECT
MAINSIGNAL STORE
PRESIGNAL STORE
PRESET STORE
COUNT
15
16
1
40
3
2
31
MAINSIGNAL
OUTPUT
PRESIGNAL
OUTPUT
ZERO DETECT
OUTPUT
INHIBIT
INTERNAL
PRESET INPUT
RESET
INPUT
PRESET ENABLE
INPUT
UP/DOWN
INPUT
INHIBIT
INTERNAL
RESET INPUT
9
36
38
5
4
6
7
39
FIGURE 7.
LS7055/LS7056 BLOCK DIAGRAM
SCAN INPUT CLOCK
10
11
12
13
B1
B4
B2
B8
17
18
19
20
21
22
32
33
34 35
24 25 26 27 28 29 30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com