Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7056 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7056
Description  6 DECADE PREDETERMINING UP/DOWN COUNTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7056 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7056 Datasheet HTML 1Page - LSI Computer Systems LS7056 Datasheet HTML 2Page - LSI Computer Systems LS7056 Datasheet HTML 3Page - LSI Computer Systems LS7056 Datasheet HTML 4Page - LSI Computer Systems LS7056 Datasheet HTML 5Page - LSI Computer Systems LS7056 Datasheet HTML 6Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6 DECADE PREDETERMINING UP/DOWN COUNTER
FEATURES:
• +4.75V to +15V (Vss - VDD)
• Preset, Presignal and Mainsignal Store
• DC to 250kHz Count Frequency
• Fully Synchronous Operation
Three Comparators with Output Flags
Automatic or Manual Preset/Reset Control
• Thumbwheel Interface for Storage Selects
• Prescale on Count Input Selectable
• Count Inhibit
• Up/Down Control
• Scan Rate up to 150kHz
• Scan Oscillator has Override Capability
• Blanking Override for Decimal Point Operaton
• Multiplexed 7 Segment and BCD Data Output
• Output latches
• Reset
• Hysteresis on Count Input
• CMOS Type Noise Immunity on all other inputs
• LS7055, LS7056 (DIP) - See Figure 1
DESCRIPTION:
The LS7055/LS7056 is a MOS synchronous 6 decade Up/Down
counter. The circuit includes storages and comparators, zero de-
tect, automatic presetting and resetting, output latches, multi-
plexed output BCD and seven segment data. Thumbwheel
switches can be used to provide BCD data to the storage net-
works in the circuit.
COUNT (Pin 40)
Counter operates at speeds up to 250kHz and advances on the
positive edge of the input count pulse.
UP/DOWN (Pin 39)
Counter operates in up or down mode. A high input causes the
counter to operate in the up mode while a low input causes it to
operate in the down mode.
COUNT INHIBIT (Pin 1)
A high input inhibits counting and the counter remains at its last
count. A low input enables counting.
DATA TRANSFER INPUT (Pin 37)
A high input allows the seven segment display and BCD data to
follow the count (the internal latches become transparent). A low
input prevents updating of the latches as the count advances and
the seven segment display and BCD data outputs remain fixed.
RESET (Pin 4)
A high input resets and holds all counter stages at zero. A low
input allows counter operation.
January 2003
7055-012703-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
LS7055
LS7056
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
FIGURE 1
PIN ASSIGNMENT - TOP VIEW
COUNT INPUT
UP/DOWN INPUT
ZERO DETECT OUTPUT
DATA TRANSFER INPUT
PRESIGNAL OUTPUT
B1
B2
B4
B8
BLANKING OVERRIDE
g
f
e
V SS (+V)
c
b
LSD
V DD (-V)
RESET INPUT
COUNT INHIBIT INPUT
DIVIDE CONTROL INPUT 1
DIVIDE CONTROL INPUT 2
MAIN SIGNAL OUTPUT
B8
B4
B2
B1
BCD
DATA
OUTPUTS
DIGIT
SELECT
OUTPUTS
LS7055
SEGMENT
OUTPUTS
INHIBIT INTERNAL RESET INPUT
INHIBIT INTERNAL PRESET INPUT
PRESET INPUT
BCD
DATA
INPUTS
SELECT STORAGE INPUT 1
SELECT STORAGE INPUT 2
LSD+1
LSD+2
LSD+3
LSD+4
SCAN OSCILLATOR INPUT
MSD
a
d
* OPTIONAL CHOICE-LAMP TEST (SPECIFY LS7056)
DIGIT
SELECT
OUTPUTS
INHIBIT INTERNAL RESET (Pin 5)
A high input prevents the automatic reset of the counter to zero when
in the up mode and when the counter reaches the number in the
main signal store.
PRESET (Pin 7)
A high level presets the BCD counter to the number set in the preset
store. A low input allows counter operation.
INHIBIT INTERNAL PRESET (Pin 6)
A high input prevents the automatic preset of the counter to the
number set in preset store when in the down mode and the counter
reaches zero.
SELECT STORAGE OF DATA INPUTS (Pins 15, 16)
Two inputs which allow BCD data to be stored in either the preset,
presignal or main signal store. The proper method for loading the
stores is depicted in Figure 4.
PIN 15
PIN16
STORAGE
0
0
No Selection
1
0
Presignal
0
1
Main Signal
1
1
Preset
UL
®
A3800
*


Similar Part No. - LS7056

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS70 CITIZEN-LS70 Datasheet
454Kb / 1P
Switch operating force
logo
YORKVILLE
LS701P YORKVILLE-LS701P Datasheet
184Kb / 2P
Powered Series
logo
LSI Computer Systems
LS7030 LSI-LS7030 Datasheet
66Kb / 4P
8 DECADE MULTIPLEXED COUNTER
LS7030 LSI-LS7030_03 Datasheet
68Kb / 4P
8 DECADE MULTIPLEXED COUNTER
LS7031 LSI-LS7031 Datasheet
47Kb / 4P
6 DECADE MOS UP COUNTER WITH 8 DECADE LATCH AND MULTIPLEXER
More results

Similar Description - LS7056

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B Datasheet
241Kb / 8P
Binary/Decade Up/Down Counter
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF40192B PHILIPS-HEF40192B Datasheet
129Kb / 9P
4-bit up/down decade counter
January 1995
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
Synchronous up/down counter, binary/decade counter
January 1995
logo
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
Presettable BCD/Decade UP/DOWN Counter
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
Fairchild Semiconductor
4510B FAIRCHILD-4510B Datasheet
184Kb / 4P
UP/DOWN DECADE COUNTER
logo
STMicroelectronics
M74HC192 STMICROELECTRONICS-M74HC192 Datasheet
560Kb / 14P
SYNCHRONOUS UP/DOWN DECADE COUNTER
Jul-2001
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com