Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS701P Datasheet (PDF) - YORKVILLE

LS701P Datasheet PDF - YORKVILLE
Part # LS701P
Download  LS701P Download
File Size   184.74 Kbytes
Page   2 Pages
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE
Description Powered Series

LS701P Datasheet (PDF)

Go To PDF Page Download Datasheet
LS701P Datasheet PDF - YORKVILLE

Part # LS701P
Download  LS701P Click to download

File Size   184.74 Kbytes
Page   2 Pages
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE
Description Powered Series

LS701P Datasheet (HTML) - YORKVILLE


LS701P Product details

Features
• Integrated 1200 Watt Amplifier (Peak - 720 Watts Program)
• 2 x 10-inch Woofers
• Max SPL 138dB Peak (131dB Continuous)
• 45Hz - 125Hz Frequency Response
• Paralleled 1/4-inch Selectable Line or Speaker Level Inputs
• Excursion, Peak and Thermal Woofer Protection
• Integrated All Metal Speaker Pole Mount Adaptor
• Solid 5/8-inch (15mm) Birch Plywood Construction
• Made in Canada




Similar Part No. - LS701P

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS70 CITIZEN-LS70 Datasheet
454Kb / 1P
Switch operating force
logo
LSI Computer Systems
LS7030 LSI-LS7030 Datasheet
66Kb / 4P
8 DECADE MULTIPLEXED COUNTER
LS7030 LSI-LS7030_03 Datasheet
68Kb / 4P
8 DECADE MULTIPLEXED COUNTER
LS7031 LSI-LS7031 Datasheet
47Kb / 4P
6 DECADE MOS UP COUNTER WITH 8 DECADE LATCH AND MULTIPLEXER
LS7031 LSI-LS7031_03 Datasheet
70Kb / 4P
6 DECADE MOS UP COUNTER WITH 8 DECADE LATCH AND MULTIPLEXER
More results


Similar Description - LS701P

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS6206 AMS-AMS6206 Datasheet
376Kb / 6P
Battery powered equipment
AMS6816 AMS-AMS6816 Datasheet
339Kb / 5P
Battery powered equipment
logo
Molex Electronics Ltd.
0638160700 MOLEX11-0638160700 Datasheet
926Kb / 17P
AIR POWERED TOOL AIR POWERED TOOL
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
Self-Powered Tachometer
logo
International Rectifier
IRF135S203 IRF-IRF135S203 Datasheet
585Kb / 12P
Battery powered circuits
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
Battery Powered Systems
logo
SMSC Corporation
EVB-USB2524 SMSC-EVB-USB2524 Datasheet
307Kb / 8P
Self-powered operation
logo
Cynergy3 Co
SC420I CYNERGY3-SC420I Datasheet
58Kb / 1P
Loop Powered Isolator
logo
Maxim Integrated Produc...
CMAXQUSB MAXIM-CMAXQUSB Datasheet
268Kb / 16P
USB Powered
Rev 2; 12/10
MAX1452EVKIT MAXIM-MAX1452EVKIT Datasheet
2Mb / 21P
USB Powered
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com