Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS701P Datasheet(PDF) 1 Page - YORKVILLE

Part # LS701P
Description  Powered Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

LS701P Datasheet(HTML) 1 Page - YORKVILLE

  LS701P Datasheet HTML 1Page - YORKVILLE LS701P Datasheet HTML 2Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
élite
Powered Series
LS701P
Overview
Yorkville's powered élite subwoofers reflect the synergistic advantage of
integrating electronic and acoustic elements into one attractive package
that is very versatile, transportable and, above all - great sounding!
These enclosures offer the ultimate in 'plug and play' convenience while
maximizing sonic performance. Advanced sensing circuitry offers
sonically transparent limiting and thermal driver protection for
maximum reliability.
The élite LS701P is a low profile, compact high-output, powered
subwoofer with two 10-inch cast-frame speakers and a built-in 1200
Watt (Peak) power amplifier.
The precisely tuned band-pass enclosure of the LS701P provides
rock-solid low frequency output previously available only from much
larger cabinets. In fact, the unique combination of high-excursion
woofers, electronic control and proprietary, series-loaded box design
results in higher acoustic output than many single 18" enclosures which
are 30-50% larger!
LS701P - Black Ozite (Carpet) Finish
LS701PB - Black Ultrathane (Paint) Finish
Features
• Integrated 1200 Watt Amplifier (Peak - 720 Watts Program)
• 2 x 10-inch Woofers
• Max SPL 138dB Peak (131dB Continuous)
• 45Hz - 125Hz Frequency Response
• Paralleled 1/4-inch Selectable Line or Speaker Level Inputs
• Excursion, Peak and Thermal Woofer Protection
• Integrated All Metal Speaker Pole Mount Adaptor
• Solid 5/8-inch (15mm) Birch Plywood Construction
• Made in Canada
yorkville.com
LS701P Rear Panel


Similar Part No. - LS701P

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS70 CITIZEN-LS70 Datasheet
454Kb / 1P
Switch operating force
logo
LSI Computer Systems
LS7030 LSI-LS7030 Datasheet
66Kb / 4P
8 DECADE MULTIPLEXED COUNTER
LS7030 LSI-LS7030_03 Datasheet
68Kb / 4P
8 DECADE MULTIPLEXED COUNTER
LS7031 LSI-LS7031 Datasheet
47Kb / 4P
6 DECADE MOS UP COUNTER WITH 8 DECADE LATCH AND MULTIPLEXER
LS7031 LSI-LS7031_03 Datasheet
70Kb / 4P
6 DECADE MOS UP COUNTER WITH 8 DECADE LATCH AND MULTIPLEXER
More results

Similar Description - LS701P

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS6206 AMS-AMS6206 Datasheet
376Kb / 6P
Battery powered equipment
AMS6816 AMS-AMS6816 Datasheet
339Kb / 5P
Battery powered equipment
logo
Molex Electronics Ltd.
0638160700 MOLEX11-0638160700 Datasheet
926Kb / 17P
AIR POWERED TOOL AIR POWERED TOOL
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
Self-Powered Tachometer
logo
International Rectifier
IRF135S203 IRF-IRF135S203 Datasheet
585Kb / 12P
Battery powered circuits
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
Battery Powered Systems
logo
SMSC Corporation
EVB-USB2524 SMSC-EVB-USB2524 Datasheet
307Kb / 8P
Self-powered operation
logo
Cynergy3 Co
SC420I CYNERGY3-SC420I Datasheet
58Kb / 1P
Loop Powered Isolator
logo
Maxim Integrated Produc...
CMAXQUSB MAXIM-CMAXQUSB Datasheet
268Kb / 16P
USB Powered
Rev 2; 12/10
MAX1452EVKIT MAXIM-MAX1452EVKIT Datasheet
2Mb / 21P
USB Powered
2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com