Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS701P Datasheet(PDF) 2 Page - YORKVILLE

Part # LS701P
Description  Powered Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

LS701P Datasheet(HTML) 2 Page - YORKVILLE

  LS701P Datasheet HTML 1Page - YORKVILLE LS701P Datasheet HTML 2Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
élite
Passive Series
yorkville.com
Specifications
System Type
Subwoofer
Active or Passive
Active
Program Power (Watts)
720 Watts (1200 Watts Peak)
Max SPL (dB)
138dB Peak (131dB Continuous)
Frequency Response (Hz +/- 3dB)
45 - 150
Driver Configuration
2 x 10 inch, Cast Frame Woofers
LF Protection
Electronic Limiting (excursion, thermal, clip)
Cooling Scheme
Passive Convection
Power Cable
Yes
Power Switch
Yes
Power Consumption (typ/max)
300/480VA (4A@60hz, 2A@50hz)
Inputs
L & R Male/Female XLR Links
Inputs - 1/4" Jacks
1 In, 1 Link Out (line or speaker level)
Inputs - XLR
L & R Male/Female XLR Links
Level Controls
Main Volume
EQ Controls
High Frequency Cut-Off
Other Controls / Features
Selectable line or speaker level input
Ground lift switch
Corners
Black Steel
Feet
Plastic Glides
Bar Handles
2 side mounted
Enclosure Materials
15mm (5/8inch) 11-ply Russian Birch
Grille
Heavy gauge perforated metal
Covering / Finish
Black Ozite (Carpet)
Optional Covering / Finishes
Black Ultrathane Paint (LS701PB)
Dimensions (DWH xbackW, inches)
24.5 x 24 x 17.5
Dimensions (DWH xbackW, cm)
62.1 x 61 x 44.5
Weight (lbs/kg)
94.5 / 42.9
Specifications subject to change without notice
LS701P



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com