Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7213R Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7213R
Description  PROGRAMMABLE DIGITAL DELAY TIMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7213R Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7213R Datasheet HTML 1Page - LSI Computer Systems LS7213R Datasheet HTML 2Page - LSI Computer Systems LS7213R Datasheet HTML 3Page - LSI Computer Systems LS7213R Datasheet HTML 4Page - LSI Computer Systems LS7213R Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Mode Select Inputs: A, B (Pin 5, Pin 6)
The four operating modes are selected by inputs A and B
ac-
cording to Table 2.
TABLE 2. Mode Selection
A B
Mode
0
0
On-Delay (OND)
0
1
Off-Delay (OFD)
1
0
Dual-Delay (DLD)
1
1
One-Shot (OST)
Inputs A and B have internal pull-down resistors.
Driver Outputs: Out1, Out2 (Pin 13, Pin 12)
Out1 is an output for driving DC loads requiring high current sink,
such as relays, power transistors, etc. In steady-state condition
Out1, with the exception of one-shot mode, is always inverse in po-
larity with respect to the Trigger input. Depending on the operating
mode, the steady-state condition is reached immediately or after a
specified delay following a change of state at the Trigger input. In
one-shot mode, Out1 is always at logic high in the steady state, in-
dependent of the logic state of the Trigger input.
Out2 operates in two different modes depending on the state of the
FlashEn input.
If Flashen is at logic low then:
Out2 operates exactly as Out1 but with inverse polarity. In this
mode, Out2 is an output for driving DC loads requiring high current
source, such as relays, power transistors, etc. In steady-state con-
dition Out2, with the exception of one-shot mode, is always at the
same polarity as the Trigger input. Depending on the operating
mode, the steady-state condition is reached immediately or after a
specified delay following a change of state at the Trigger input. In
one-shot mode Out2 is always at logic low in the steady state, in-
dependent of the logic state of the Trigger input.
If Flashen is at logic high then:
Out2 operates as a delay-in-progress indicator by generating pe-
riodic positive pulses during a delay timing. The pulse-rate, fpf and
the pulse-width tpf at Out2 is controlled by an internal oscillator
whose frequency, fcf,, is set by a capacitor connected to the Cap
input. fpf and ff, are related by the following expressions:
fpf = 20/fcf,
for scale factors 1x103 and 1x104 and
fpf = 100/fcf,
for all other scale factors.
The pulse-width, tpf for both pulse-rates is given by:
tpf = 2/fcf
At the end of timeout, Out2 returns to logic low with the cessation
of pulses.
NOTE:
Since the delay is restarted on both high and low transitions of the
Trigger in Dual Delay Mode, the Delay-In-Progress indicator will al-
ways complete the delay selection from the last Trigger transition.
Timer Start Input: Trigger (Pin 8)
Any logic transition at the Trigger input, positive or negative caus-
es the outputs Out1 and Out2 to switch with or without delay, de-
pending on the operating mode.
Any transition of the Trigger input also causes the logic states of
the following inputs to be strobed into internal latches: A, B, D1,
D2, D3 and FlashEn. This prevents any changes at any of these
inputs from disrupting the timer when a timeout is in progress.
See the description of modes on Page1 and Out1, Out2 section on
Page 2 for a complete description of the Trigger input.
TheTrigger input has an internal pull-down resistor.
Flash Enable Input: FlashEn (Pin 4)
The FlashEn input modifies the operation of Out2 to function in
one of two modes.
When FlashEn = 0, Out2 functions exactly as Out1 but with in-
verse polarity from Out1. When FlashEn = 1, Out2 functions as a
flashing delay-in-progress indicator. In this mode periodic positive
pulses are generated at Out2 during a delay timing which can be
used to produce a flashing LED display for user feedback. For a
complete description see Out2 section on Page 2. The Fashen
input has an internal pull-down resistor.
Master Clear Input: Reset (Pin 11)
When Reset is brought to logic high, all timing functions are
aborted, the timer is cleared, Out1 is forced high and Out2 is
forced low. Switching the Reset input low causes the mode select
inputs, the delay select inputs, the FlashEn input and the Trigger
input to be sampled by internal logic. Following this, any in-
consistencies between the Trigger input and the Out1 and Out2
outputs are resolved and the steady state is reached with or with-
out delay based on the status of the mode select inputs. For ex-
ample, if the Trigger input is high, the FlashEn input is low and
the mode is off-delay when the Reset input is switched from high
to low, Out1 and Out2 will immediately be switched low and high,
respectively, from its forced reset condition. In this example if the
mode is on-delay instead of off-delay, then Out1 and Out2 will be
switched after the completion of the programmed delay td.
It should be noted here that the states of Out1 and Out2 in the
reset condition and One-Shot mode steady state condition are
the same namely, Out1 = 1 and Out2 = 0. Because of this, in
one-shot mode, no change in Out1 and Out2 takes place when
the Reset input is switched low, irrespective of the status of the
Trigger input. The Reset input has an internal pull-down resistor
.
NOTE: A POR circuit (See Fig. 2) generates a reset upon power
up that produces the same conditions described for Reset
(Pin 11).
Timer Oscillator Input: RC (Pin 10)
A resistor-capacitor pair connected to the RC input serves as the
basic timing element for the delay timer oscillator.
The oscillator frequency is given by the expression:
frc = 1/0.9RC,
where R and C are the resistor and the capacitor values at the
RC input.
The delay, td, is given by the expression:
td = s/frc,
where s is the scale factor selected by inputs D1, D2 and D3.
Flash Oscillator Input: Cap (Pin 9)
A capacitor, C, connected from the Cap input to ground regulates
an internal flash oscillator frequency according to the relation:
fcf = (k/C) x 10-6
where k is a VDD dependent constant ranging in value between
2.1 at VDD = 3V to 4.8 at V DD = 5V. Chip to chip tolerance of fcf is
+ 10% at fixed VDD. The flash oscillator frequency controls the
pulse-rate, f pf and the pulse width, tpf at Out2 in flash mode ac-
cording to the following relationships:
fpf = 20/fcf,
for scale factors 1x103 and 1x104 and
fpf = 100/fcf,
for all other scale factors; and for the pulse-width,
tpf = 2/fcf, for all scale factors.
Power Supplies VDD, Vss (Pin 14, Pin 7)
VDD is the power supply positive terminal and Vss is the negative
or ground terminal.
7213R-120205-2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com