Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7213R Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS7213R
Description  PROGRAMMABLE DIGITAL DELAY TIMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7213R Datasheet(HTML) 5 Page - LSI Computer Systems

  LS7213R Datasheet HTML 1Page - LSI Computer Systems LS7213R Datasheet HTML 2Page - LSI Computer Systems LS7213R Datasheet HTML 3Page - LSI Computer Systems LS7213R Datasheet HTML 4Page - LSI Computer Systems LS7213R Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Note 1: Dual Delay Mode; fRC = 1/RC = 1kHz
Note 2: For Symmetrical Flasher with 50% duty cycle, disconnect Pin 3 from Pin 13.
FIGURE 5. ASYMMETRICAL FLASHER
7213R-090806-5
D1
OUT1
TRIGGER
OUT2
VSS
VDD
+V
A
RC
3
13
8
12
7
5
10
14
LS7213R
1s
10s
300
LED
50k
0.02uF
OUT2
The information included herein is believed to be ac-
curate and reliable. LSI Computer Systems, Inc. as-
sumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which
may result from its use.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com