Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7290 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7290
Description  STEPPER MOTOR CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7290 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7290 Datasheet HTML 1Page - LSI Computer Systems LS7290 Datasheet HTML 2Page - LSI Computer Systems LS7290 Datasheet HTML 3Page - LSI Computer Systems LS7290 Datasheet HTML 4Page - LSI Computer Systems LS7290 Datasheet HTML 5Page - LSI Computer Systems LS7290 Datasheet HTML 6Page - LSI Computer Systems LS7290 Datasheet HTML 7Page - LSI Computer Systems LS7290 Datasheet HTML 8Page - LSI Computer Systems LS7290 Datasheet HTML 9Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
7290-072011-2
VREF Input
External voltage reference for chopper circuit which determines the
maximum motor winding current by regulating the PWM duty cycle. The
SENSE resistors should satisfy the equations RS1 = RS2 = VREF / IMAX
where IMAX is the maximum motor winding current.
RX, CX, CLK
These three pins can be configured in one of three ways to obtain the
primary clock. A crystal connected between RX and CLK pins or a
resistor-capacitor pair connected among all three pins (see Figure 4) can
make use of the internal oscillator. Alternatively, the CLK pin can be
driven from an external clock source.
DS0/DS1 Inputs
The phase drive is blanked out between steps by switching outputs INH1
and INH2 low in order to reduce audible noise and power consumption.
The duration of the blanking is selected by DS0 and DS1 according to
Table 1.
DS1 DS0
Blanking Time, IPB, at fc = 8Mz
0
0
1.25
μs
0
1
2.50
μs
1
0
3.75
μs
1
1
5.00
μs
PHA / PHB / PHC / PHD Outputs
The state of these phase outputs are determined by the look-up
table and are used to control either the left or right half of each
of the H-Bridge drivers. A low on a phase output enables the
bottom driver while a high on the output enables the top driver.
HOME Output
Indicates Step0 state per Table 2 with a logic low.
INH1 / INH2 Outputs
These outputs are used to provide PWM control to each of the
two H-Bridge drivers.
Table 1
The information included herein is believed to be accurate and reliable.
However, LSI Computer Systems, Inc. assumes no responsibilities for
inaccuracies, or for any infringements of patent rights of others which may
result from its use.
FIGURE 2. LS7290 BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com