Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7290 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7290
Description  STEPPER MOTOR CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7290 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7290 Datasheet HTML 1Page - LSI Computer Systems LS7290 Datasheet HTML 2Page - LSI Computer Systems LS7290 Datasheet HTML 3Page - LSI Computer Systems LS7290 Datasheet HTML 4Page - LSI Computer Systems LS7290 Datasheet HTML 5Page - LSI Computer Systems LS7290 Datasheet HTML 6Page - LSI Computer Systems LS7290 Datasheet HTML 7Page - LSI Computer Systems LS7290 Datasheet HTML 8Page - LSI Computer Systems LS7290 Datasheet HTML 9Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
7290-072011-1
FEATURES:
•
Controls Bipolar and Unipolar motors
•
Cost-effective replacement for L297
•
Full, ½ step mode selected with mode input
•
Direction control
•
Reset input
•
Step control input
•
Enable input
•
PWM chopper circuit for current control
•
Two peak-current comparators with external reference input
•
Step control frequency and duty cycle controlled by an external frequency source
or by an internal crystal controlled oscillator (typically 8 MHz)
•
All inputs and outputs TTL/CMOS compatible (TTL for 5V operation)
•
3V to 5.5V Operation (VDD – VSS)
•
LS7290 (DIP), LS7290-S (SOIC), LS7290-TS (TSSOP) – See Figure 1.
DESCRIPTION:
The LS7290 generates Phase Drive outputs and PWM outputs for controlling two-
phase Bipolar Motors or four-phase Unipolar Motors, respectively. The LS7290
contains a mode controlled look-up table for generating the motor duty cycle drive
sequences. There are four outputs which are used to drive two H-Bridges for the two
motor windings in the Bipolar motor or the four driver transistors for the two center-
tapped windings in the Unipolar motor (Refer to Table 2). The LS7290 can step a
motor in full steps and half steps. The refresh rate is set using an internal oscillator
controlled by a crystal or by use of an external input clock. Typical refresh rate is equal
to 31.25kHz with the clock frequency set at 8MHz. Peak-current feedback control using
pulse-width modulation is used in full-step or half-step modes. The chopper consists of
a voltage comparator, flip-flop and external sense resistor. The internal oscillator sets
the flip-flop and enables the INH1 and INH2 outputs at the beginning of each PWM
cycle. Once the peak motor current causes the voltage across the sense resistors to
reach the voltage set by VREF, the outputs are disabled until the next oscillator pulse.
The VREF voltage sets the peak current in each motor winding.
INPUT/OUTPUT DESCRIPTION
RESET Input
Active low. Resets the PWM table pointer to HOME position per Table 2 and brings
INH1 and INH2 low. Upon power-up, a POR circuit also resets the PWM table pointer.
ENABLE Input
Active low. When high (inactive), brings PHA, PHB, PHC, PHD, INH1 and INH2 outputs
low.
STEP Input
Active low. A low-going pulse on this input causes the motor to advance one step.
NOTE: Pins 2 and 3 are used for factory test
and must be tied to ground.
FRD/RVRS Input
A low input causes the motor to move in
incremental steps in reverse direction per Table 2.
A high input causes the motor to move in
incremental steps in forward direction per Table 2.
Switching directions can occur at any time.
MODE Input
Defines the stepping modes as follows:
MODE
full step mode
0
½ step mode
1
Stepping mode can be changed at any time.
SENSE1 / SENSE2 Inputs
Inputs for motor winding current sense. A
fractional-Ohm resistor connected in series with
each of the H-Bridge drivers produce SENSE1 and
SENSE2 voltages. These voltages are compared
with VREF voltage input, for generating the PWM
inhibit outputs.
STEPPER MOTOR CONTROLLER
July 2011
LS7290
PIN ASSIGNMENT
TOP VIEW
FIGURE 1.


Similar Part No. - LS7290

ManufacturerPart #DatasheetDescription
logo
YORKVILLE
LS720P YORKVILLE-LS720P Datasheet
246Kb / 3P
Powered Series
logo
LSI Computer Systems
LS7210 LSI-LS7210 Datasheet
49Kb / 4P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7210 LSI-LS7210_06 Datasheet
66Kb / 4P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211 Datasheet
171Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7211N LSI-LS7211N Datasheet
216Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
More results

Similar Description - LS7290

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
STEPPER MOTOR CONTROLLER
logo
Texas Instruments
DRV8811 TI-DRV8811_11 Datasheet
1,023Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
STEPPER MOTOR CONTROLLER IC
logo
LSI Computer Systems
LS8297 LSI-LS8297 Datasheet
216Kb / 8P
STEPPER MOTOR CONTROLLER
LS8397 LSI-LS8397 Datasheet
229Kb / 8P
STEPPER MOTOR CONTROLLER
logo
Texas Instruments
DRV8825 TI1-DRV8825_16 Datasheet
1Mb / 32P
Stepper Motor Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com