Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM310 Datasheet (PDF) - ELM Electronics

ELM310 Datasheet PDF - ELM Electronics
Part # ELM310
Download  ELM310 Download
File Size   37.74 Kbytes
Page   5 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description STEPPER MOTOR CONTROLLER

ELM310 Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM310 Datasheet PDF - ELM Electronics

Part # ELM310
Download  ELM310 Click to download

File Size   37.74 Kbytes
Page   5 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description STEPPER MOTOR CONTROLLER

ELM310 Datasheet (HTML) - ELM Electronics


ELM310 Product details

Description

The ELM310 is an interface circuit for use between high speed logic outputs and four phase stepper motor driver circuits. By suitably debouncing mechanical switches, the circuit could also be used for manually controlling stepper motors as well.

This circuit supports two popular modes of operation, and can be switched between the two ‘on the fly’.

The full-step, or single phase wave mode, as it is sometimes called, is entered into at powerup. This mode provides sequential single phase output signals for driving a variety of circuits with only one output active at any one time.



Features

• Low power CMOS design - typically 1mA at 5V

• Wide supply range - 3.0 to 5.5 volt operation

• Two inputs control both mode and motion

• No external timing components

• Completely static operation - will maintain a step position indefinitely

• High current drive outputs - up to 25 mA

• Both half and full stepping supported

• Very high speed - up to 25000 steps per second



Applications

• Stepper motor drive logic

• Process sequencing

• Sequential left/right LED driver



 




Similar Part No. - ELM310

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
ELM311DSB ELM-ELM311DSB Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
ELM311P ELM-ELM311P Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
ELM311SM ELM-ELM311SM Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
More results


Similar Description - ELM310

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
STEPPER MOTOR CONTROLLER
logo
Texas Instruments
DRV8811 TI-DRV8811_11 Datasheet
1,023Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
STEPPER MOTOR CONTROLLER IC
logo
LSI Computer Systems
LS7290 LSI-LS7290 Datasheet
430Kb / 9P
STEPPER MOTOR CONTROLLER
LS8297 LSI-LS8297 Datasheet
216Kb / 8P
STEPPER MOTOR CONTROLLER
LS8397 LSI-LS8397 Datasheet
229Kb / 8P
STEPPER MOTOR CONTROLLER
logo
Texas Instruments
DRV8825 TI1-DRV8825_16 Datasheet
1Mb / 32P
Stepper Motor Controller IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com