Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM312 Datasheet (PDF) - ELM Electronics

ELM312 Datasheet PDF - ELM Electronics
Part # ELM312
Download  ELM312 Download
File Size   31.85 Kbytes
Page   5 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description STEPPER MOTOR CONTROLLER

ELM312 Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM312 Datasheet PDF - ELM Electronics

Part # ELM312
Download  ELM312 Click to download

File Size   31.85 Kbytes
Page   5 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description STEPPER MOTOR CONTROLLER

ELM312 Datasheet (HTML) - ELM Electronics


ELM312 Product details

Description

The ELM312 is an interface circuit for use between high speed logic and four phase stepper motor driver circuits. All of the logic required to provide stepping in two directions is contained in this one 8 pin package.

This circuit supports only the half-step mode of operation. This mode provides eight distinct phase control output signals for driving a variety of motors. For dual mode operation, the ELM310 should be considered.

The ELM312 can be controlled by a wide variety of circuits, due to its fully static operation. In addition to using high speed microprocessor control, suitably debounced mechanical switches or continuously running oscillator circuits could also be used.



Features

• Low power CMOS design - typically 1mA at 5V

• Wide supply range - 3.0 to 5.5 volt operation

• Two inputs control Half step motion

• No external timing components

• Completely static operation - will maintain a step position indefinitely

• High current drive outputs - up to 25 mA

• Very high speed - up to 25000 steps per second



Applications

• Stepper motor drive logic

• Process sequencing

• Sequential left/right LED driver



 




Similar Part No. - ELM312

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
STEPPER MOTOR CONTROLLER
ELM310DSB ELM-ELM310DSB Datasheet
37Kb / 5P
STEPPER MOTOR CONTROLLER
ELM310P ELM-ELM310P Datasheet
37Kb / 5P
STEPPER MOTOR CONTROLLER
ELM310SM ELM-ELM310SM Datasheet
37Kb / 5P
STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
More results


Similar Description - ELM312

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
STEPPER MOTOR CONTROLLER
logo
Texas Instruments
DRV8811 TI-DRV8811_11 Datasheet
1,023Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
STEPPER MOTOR CONTROLLER IC
logo
LSI Computer Systems
LS7290 LSI-LS7290 Datasheet
430Kb / 9P
STEPPER MOTOR CONTROLLER
LS8297 LSI-LS8297 Datasheet
216Kb / 8P
STEPPER MOTOR CONTROLLER
LS8397 LSI-LS8397 Datasheet
229Kb / 8P
STEPPER MOTOR CONTROLLER
logo
Texas Instruments
DRV8825 TI1-DRV8825_16 Datasheet
1Mb / 32P
Stepper Motor Controller IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com