Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM313 Datasheet (PDF) - ELM Electronics

ELM313 Datasheet PDF - ELM Electronics
Part # ELM313
Download  ELM313 Download
File Size   32.09 Kbytes
Page   5 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description STEPPER MOTOR CONTROLLER

ELM313 Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM313 Datasheet PDF - ELM Electronics

Part # ELM313
Download  ELM313 Click to download

File Size   32.09 Kbytes
Page   5 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description STEPPER MOTOR CONTROLLER

ELM313 Datasheet (HTML) - ELM Electronics


ELM313 Product details

Description

The ELM313 is an interface circuit for use between high speed logic and four phase stepper motor driver circuits. All of the logic required to provide stepping in two directions is contained in this one 8 pin package.

This circuit supports only the full-step two phase mode of operation. This mode provides sequential phase control output signals for driving a variety of motors. In this mode, two phases are always energized, providing several advantages over single phase full (wave) stepping, at the cost of higher power consumption by the motor.



Features

• Low power CMOS design - typically 1mA at 5V

• Wide supply range - 3.0 to 5.5 volt operation

• Two inputs control Full step (two phase) motion

• No external timing components

• Completely static operation - will maintain a step position indefinitely

• High current drive outputs - up to 25 mA

• Very high speed - up to 25000 steps per second



Applications

• Stepper motor drive logic

• Process sequencing

• Sequential left/right LED driver



 




Similar Part No. - ELM313

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
STEPPER MOTOR CONTROLLER
ELM310DSB ELM-ELM310DSB Datasheet
37Kb / 5P
STEPPER MOTOR CONTROLLER
ELM310P ELM-ELM310P Datasheet
37Kb / 5P
STEPPER MOTOR CONTROLLER
ELM310SM ELM-ELM310SM Datasheet
37Kb / 5P
STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
More results


Similar Description - ELM313

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
logo
Texas Instruments
DRV8811 TI-DRV8811_11 Datasheet
1,023Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
STEPPER MOTOR CONTROLLER IC
logo
LSI Computer Systems
LS7290 LSI-LS7290 Datasheet
430Kb / 9P
STEPPER MOTOR CONTROLLER
LS8297 LSI-LS8297 Datasheet
216Kb / 8P
STEPPER MOTOR CONTROLLER
LS8397 LSI-LS8397 Datasheet
229Kb / 8P
STEPPER MOTOR CONTROLLER
logo
Texas Instruments
DRV8825 TI1-DRV8825_16 Datasheet
1Mb / 32P
Stepper Motor Controller IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com