Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM310 Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM310
Description  STEPPER MOTOR CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM310 Datasheet(HTML) 1 Page - ELM Electronics

  ELM310 Datasheet HTML 1Page - ELM Electronics ELM310 Datasheet HTML 2Page - ELM Electronics ELM310 Datasheet HTML 3Page - ELM Electronics ELM310 Datasheet HTML 4Page - ELM Electronics ELM310 Datasheet HTML 5Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ELM310
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Connection Diagram
PDIP and SOIC
(top view)
VDD
VSS
1
2
3
4
8
7
6
5
Stepper Motor Controller
The ELM310 is an interface circuit for use
between high speed logic outputs and four phase
stepper motor driver circuits. By suitably debouncing
mechanical switches, the circuit could also be used
for manually controlling stepper motors as well.
This circuit supports two popular modes of
operation, and can be switched between the two ‘on
the fly’.
The full-step, or single phase wave mode, as it
is sometimes called, is entered into at powerup. This
mode provides sequential single phase output
signals for driving a variety of circuits with only one
output active at any one time.
The other mode that the ELM310 supports is the
half-step. In this case, there are eight distinct output
patterns as opposed to the four for the full-step
mode. For each step, the pattern alternates between
a single winding being energized, and two adjacent
windings, providing eight steps in total.
C
A
Dir
Description
• Stepper motor drive logic
• Process sequencing
• Sequential left/right LED driver
Applications
Block Diagram
1 of 5
• Low power CMOS design - typically 1mA at 5V
• Wide supply range - 3.0 to 5.5 volt operation
• Two inputs control both mode and motion
• No external timing components
• Completely static operation - will maintain a step
position indefinitely
• High current drive outputs - up to 25 mA
• Both half and full stepping supported
• Very high speed - up to 25000 steps per second
Features
ELM310DSB
B
D
Step
5
D
4
Step
C
Dir
7
B
6
Mode
Switch
Logic
3
2
A
Full
Half
CW
Step


Similar Part No. - ELM310

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
ELM311DSB ELM-ELM311DSB Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
ELM311P ELM-ELM311P Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
ELM311SM ELM-ELM311SM Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
More results

Similar Description - ELM310

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
STEPPER MOTOR CONTROLLER
logo
Texas Instruments
DRV8811 TI-DRV8811_11 Datasheet
1,023Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
STEPPER MOTOR CONTROLLER IC
logo
LSI Computer Systems
LS7290 LSI-LS7290 Datasheet
430Kb / 9P
STEPPER MOTOR CONTROLLER
LS8297 LSI-LS8297 Datasheet
216Kb / 8P
STEPPER MOTOR CONTROLLER
LS8397 LSI-LS8397 Datasheet
229Kb / 8P
STEPPER MOTOR CONTROLLER
logo
Texas Instruments
DRV8825 TI1-DRV8825_16 Datasheet
1Mb / 32P
Stepper Motor Controller IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com