Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM310 Datasheet(PDF) 3 Page - ELM Electronics

Part # ELM310
Description  STEPPER MOTOR CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM310 Datasheet(HTML) 3 Page - ELM Electronics

  ELM310 Datasheet HTML 1Page - ELM Electronics ELM310 Datasheet HTML 2Page - ELM Electronics ELM310 Datasheet HTML 3Page - ELM Electronics ELM310 Datasheet HTML 4Page - ELM Electronics ELM310 Datasheet HTML 5Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
ELM310
Electrical Characteristics
Absolute Maximum Ratings
Storage Temperature....................... -65°C to +150°C
Ambient Temperature with
Power Applied....................................-40°C to +85°C
Voltage on VDD with respect to VSS............ 0 to +7.5V
Voltage on any other pin with
respect to VSS........................... -0.6V to (VDD + 0.6V)
Note:
Stresses beyond those listed here will likely damage
the device. These values are given as a design
guideline only. The ability to operate to these levels
is neither inferred nor recommended.
3 of 5
All values are for operation at 25°C and a 5V supply, unless otherwise noted. For further information, refer to note 1 below.
Characteristic
Minimum
Typical
Maximum
Conditions
Units
Supply Voltage, VDD
3.0
5.0
5.5
V
VDD rate of rise
0.05
V/ms
Average Supply Current, IDD
1.0
2.4
mA
VDD = 5V
Notes:
1. This integrated circuit is produced with a Microchip Technology Inc.’s PIC12C5XX as the core embedded
microcontroller. For further device specifications, and possibly clarification of those given, please refer to the
appropriate Microchip documentation.
2. This spec must be met in order to ensure that a correct power on reset occurs. It is quite easily achieved
using most common types of supplies, but may be violated if one uses a slowly varying supply voltage, as
may be obtained through direct connection to solar cells, or some charge pump circuits.
3. This IC is uses CMOS technology so input currents to the logic are negligible. Each input does have internal
diode protection circuits, however, which may cause up to 1µA of leakage currents to flow.
4. Each of the values is graphically displayed in the Timing Diagrams on page 4.
5. During a mode change, the Dir input must remain stable for at least Tsu before any transition of Step.
Input low voltage
VSS
0.15 VDD
V
Input high voltage
VDD
V
0.85 VDD
Output low voltage
0.6
V
Output high voltage
V
VDD - 0.7
Current (sink) = 8.7mA
Current (source) = 5.4mA
see note 2
ELM310DSB
Delay Between Steps (Td)
Step Pulse Width (Tp)
µsec
10
-
- after a mode change (Td2)
µsec
30
-
µsec
50
-
see note 4
see note 4
see note 4
µsec
2
-
µsec
0
-
Direction Input Setup Time (Tsu)
Hold Time (Th)
see notes 4 & 5
see note 4
see note 3
see note 3
Step Inhibit on Power-up
10
20
30
msec



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com