Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM310 Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM310
Description  STEPPER MOTOR CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM310 Datasheet(HTML) 2 Page - ELM Electronics

  ELM310 Datasheet HTML 1Page - ELM Electronics ELM310 Datasheet HTML 2Page - ELM Electronics ELM310 Datasheet HTML 3Page - ELM Electronics ELM310 Datasheet HTML 4Page - ELM Electronics ELM310 Datasheet HTML 5Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELM310
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Pin Descriptions
Ordering Information
These integrated circuits are available in either the 300 mil plastic DIP format, or in the 200 mil SOIC surface
mount type of package. To order, add the appropriate suffix to the part number:
300 mil Plastic DIP............................... ELM310P
200 mil SOIC..................................... ELM310SM
2 of 5
All rights reserved. Copyright ©1999 Elm Electronics.
Every effort is made to verify the accuracy of information provided in this document, but no representation or warranty can be
given and no liability assumed by Elm Electronics with respect to the accuracy and/or use of any products or information
described in this document. Elm Electronics will not be responsible for any patent infringements arising from the use of these
products or information, and does not authorize or warrant the use of any Elm Electronics product in life support devices and/or
systems. Elm Electronics reserves the right to make changes to the device(s) described in this document in order to improve
reliability, function, or design.
VDD (pin 1)
This pin is the positive supply pin, and should
always be the most positive point in the circuit.
Internal circuitry connected to this pin is used to
provide power on reset of the microprocessor, so
an external reset signal is not required. Refer to
the Electrical Characteristics section for further
information.
A (pin 2)
This is the active high output drive signal for the
(first) phase A winding. Normally, this output
would be the first to be energized when starting a
stepping sequence, and is always the first state
entered into internally on powerup. After powerup,
however, the ELM310 treats this pin specially,
maintaining it at a low level until the first step
command is received. This in effect keeps the
motor off until selected by control circuitry.
Dir (pin 3)
This pin determines the sequence that the outputs
will be energized in. A high input on the Dir pin
while the step input is pulsed will cause a single
clockwise step, while a low level will cause a
counter-clockwise step. (Refer to Figures 1 & 2).
If the Dir input is changed from low to high while
the step input is high, the mode will be changed to
the
higher
resolution
half-stepping
mode.
Conversely, a high to low transition in Dir while
Step is high will cause operation to revert to the
lower resolution full-step mode. If the motor is on
a dual winding half step when this command is
issued, the next step taken will be a half step, to
bring the windings into alignment with the full
step sequence.
Step (pin 4)
This input is used to control the motion of the
motor. Outputs will change to their next state on
the high to low transition of this input. Step is
normally maintained at a low level, and is only
brought high then low to cause a step (or a
mode change) to occur. The Step input is
ignored for about 20ms after power-up to allow
sufficient time for external circuits to stabilize.
D (pin 5)
This is the active high output drive signal for the
(fourth) phase D winding.
C (pin 6)
This is the active high output drive signal for the
(third) phase C winding.
B (pin 7)
This is the active high output drive signal for the
(second) phase B winding.
VSS (pin 8)
Circuit common is connected to this pin. This is
the most negative point in the circuit.
ELM310DSB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com